Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD82541PI Datasheet(PDF) 23 Page - Intel Corporation

Part # GD82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541PI Datasheet(HTML) 23 Page - Intel Corporation

Back Button GD82541PI Datasheet HTML 19Page - Intel Corporation GD82541PI Datasheet HTML 20Page - Intel Corporation GD82541PI Datasheet HTML 21Page - Intel Corporation GD82541PI Datasheet HTML 22Page - Intel Corporation GD82541PI Datasheet HTML 23Page - Intel Corporation GD82541PI Datasheet HTML 24Page - Intel Corporation GD82541PI Datasheet HTML 25Page - Intel Corporation GD82541PI Datasheet HTML 26Page - Intel Corporation GD82541PI Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Networking Silicon — 82541(PI/GI/EI)
23
Table 8.
Power Specifications - D3cold
D3cold - wake-up enableda
D3cold-wake disabled
unplugged link
@10 Mbps
@100 Mbps
Typ Icc
(mA)b
Max Icc
(mA)c
Typ Icc
(mA)a
Max Icc
(mA)b
Typ Icc
(mA)a
Max Icc
(mA)b
Typ Icc
(mA)a
Max Icc
(mA)b
3.3 V
2 mA
3 mA
2 mA
3 mA
2 mA
3 mA
4 mA
5 mA
1.8 V
14 mA
15 mA
20 mA
25 mA
110 mA
115 mA
1 mA
2 mA
1.2 V
21 mA
25 mA
30 mA
35 mA
80 mA
85 mA
7 mA
10 mA
Total
Device
Power
60 mW
70 mW
80 mW
100 mW
300 mW
320 mW
25 mW
35 mW
a. At 1000 Mbps, power consumption is not shown since the controller switches to the 10/100 Mbps state before entering D3 to
conserve power.
b. Typical conditions: operating temperature (TA) = 25 C, nominal voltages, moderate network traffic at full duplex, and PCI 33
MHz system interface.
c.
Maximum conditions: minimum operating temperature (TA) values, maximum voltage values, continuous network traffic at full
duplex, and PCI 33 MHz system interface.
Table 9.
Power Specifications D(r) Uninitialized
D(r) Uninitialized (FLSH_SO/LAN_DISABLE# = 0)
Typ Icc (mA)
Max Icc (mA)
3.3 V
5 mA
10 mA
1.8 V
1 mA
2 mA
1.2 V
12 mA
15 mA
Total
Device
Power
35 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com