Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD82541PI Datasheet(PDF) 26 Page - Intel Corporation

Part # GD82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541PI Datasheet(HTML) 26 Page - Intel Corporation

Back Button GD82541PI Datasheet HTML 22Page - Intel Corporation GD82541PI Datasheet HTML 23Page - Intel Corporation GD82541PI Datasheet HTML 24Page - Intel Corporation GD82541PI Datasheet HTML 25Page - Intel Corporation GD82541PI Datasheet HTML 26Page - Intel Corporation GD82541PI Datasheet HTML 27Page - Intel Corporation GD82541PI Datasheet HTML 28Page - Intel Corporation GD82541PI Datasheet HTML 29Page - Intel Corporation GD82541PI Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
82541(PI/GI/EI) — Networking Silicon
26
Cin
Input capacitance
20
pF
T
Operating temperature
70
° C
Aptp
Input clock amplitude (peak-to-peak)
1.0
1.2
1.3
V
Vcm
Clock common mode
0.6
V
a. Clock jitter is defined according to the recommendations of part 40.6.1.2.5 IEEE 1000BASE-T Standard (at least
105 clock edges, filtered by HPF with cut off frequency 5000 Hz).
Table 14. Reference Crystal Specification Requirements
Specification
Value
Vibrational Mode
Fundamental
Nominal Frequency
25.000 MHz at 25° C
Frequency Tolerance
•
±30 ppm recommended
•
±30 ppm required for the 82541GI/EI
•
±50 ppm across the entire operating temperature range
(required by IEEE specifications)
Temperature Stability
•
±50 ppm at 0° C to 70° C
•
±30 ppm at 0° C to 70° C (required for the 82541GI/EI)
Calibration Mode
Parallel
Load Capacitance
•
16 pF to 20 pF
•
18 pF (required for the 82541GI/EI)
Shunt Capacitance
6 pF maximum
Equivalent Series Resistance
•
50
Ω maximum
•
20
Ω maximum (required for the 82541GI/EI)
Drive Level
0.5 mW maximum
Aging
±5 ppm per year maximum
Table 13. 25 MHz Clock Input Requirements
Symbol
Parameter
Specifications
Units
Min
Typ
Max
Table 15. Link Interface Clock Requirements
Symbol
Parameter
Min
Typ
Max
Unit
fGTXa
GTX_CLK frequency
125
MHz
a. GTX_CLK is used externally for test purposes only.
Table 16. EEPROM Interface Clock Requirements
Symbol
Parameter
Min
Typ
Max
Unit
fSK
Microwire EEPROM Clock
1
MHz
SPI EEPROM Clock
2
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com