Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD82541PI Datasheet(PDF) 22 Page - Intel Corporation

Part # GD82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541PI Datasheet(HTML) 22 Page - Intel Corporation

Back Button GD82541PI Datasheet HTML 18Page - Intel Corporation GD82541PI Datasheet HTML 19Page - Intel Corporation GD82541PI Datasheet HTML 20Page - Intel Corporation GD82541PI Datasheet HTML 21Page - Intel Corporation GD82541PI Datasheet HTML 22Page - Intel Corporation GD82541PI Datasheet HTML 23Page - Intel Corporation GD82541PI Datasheet HTML 24Page - Intel Corporation GD82541PI Datasheet HTML 25Page - Intel Corporation GD82541PI Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
82541(PI/GI/EI) — Networking Silicon
22
4.3
DC Specifications
Table 6.
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
VDD (3.3)
DC supply voltage on 3.3 V
pins
3.00
3.3
3.60
V
VDD (1.8)
DC supply voltage on 1.8 V
pins
1.71a
a. The value listed in this table is for external voltage regulation. If the internal voltage regulator is used, the minimum value is
1.67 V.
1.8
1.89b
b. The value listed in this table is for external voltage regulation. If the internal voltage regulator is used, the maximum value is
1.926 V.
V
VDD (1.2)
DC supply voltage on 1.2 V
pins
1.14c
c.
The value listed in this table is for external voltage regulation. If the internal voltage regulator is used, the minimum value is
1.12 V.
1.2
1.26d
d. The value listed in this table is for external voltage regulation. If the internal voltage regulator is used, the maximum value is
1.284 V.
V
Table 7.
Power Specifications - D0a
D0a
unplugged no link
@10 Mbps
@100 Mbps
@ 1000 Mbps
Typ Icc
(mA)a
Max Icc
(mA)b
Typ Icc
(mA)a
Max Icc
(mA)b
Typ Icc
(mA)a
Max Icc
(mA)b
Typ Icc
(mA)a
Max Icc
(mA)b
3.3 V
3 mA
5 mA
5 mA
10 mA
13 mA
15 mA
30 mA
40 mA
1.8 V
14 mA
15 mA
85 mA
85 mA
110 mA
115 mA
315 mA
320 mA
1.2 V
30 mA
35 mA
85 mA
90 mA
90 mA
100 mA
380 mA
400 mA
Total
Device
Power
75 mW
85 mW
270 mW
295 mW
350 mW
380 mW
1.1 W
1.2 W
a. Typical conditions: operating temperature (TA) = 25 C, nominal voltages, moderate network traffic at full duplex, and PCI
33 MHz system interface.
b. Maximum conditions: minimum operating temperature (TA) values, maximum voltage values, continuous network traffic at full
duplex, and PCI 33 MHz system interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com