Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD82541PI Datasheet(PDF) 43 Page - Intel Corporation

Part # GD82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541PI Datasheet(HTML) 43 Page - Intel Corporation

Back Button GD82541PI Datasheet HTML 38Page - Intel Corporation GD82541PI Datasheet HTML 39Page - Intel Corporation GD82541PI Datasheet HTML 40Page - Intel Corporation GD82541PI Datasheet HTML 41Page - Intel Corporation GD82541PI Datasheet HTML 42Page - Intel Corporation GD82541PI Datasheet HTML 43Page - Intel Corporation GD82541PI Datasheet HTML 44Page - Intel Corporation GD82541PI Datasheet HTML 45Page - Intel Corporation GD82541PI Datasheet HTML 46Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
Networking Silicon — 82541(PI/GI/EI)
43
Signal Name
Pin
1.2V
H6
1.2V
H7
1.2V
H8
VSS
H9
VSS
H10
ANALOG_1.2V
H11
NC
H12
MDI[3]+
H13
MDI[3]-
H14
PAR
J1
PERR#
J2
GNT#
J3
EEMODE
J4
1.2V
J5
1.2V
J6
1.2V
J7
1.2V
J8
1.2V
J9
1.2V
J10
1.2V
J11
AUX_PWR
J12
XTAL_1.8V
J13
XTAL2
J14
AD[16]
K1
VSS
K2
3.3V
K3
3.3V
K4
1.2V
K5
1.2V
K6
1.2V
K7
1.2V
K8
1.2V
K9
1.2V
K10
1.2V
K11
AVSS
K12
Table 32. Signal Names in Pin Order (Sheet 4 of 6) (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com