Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD82541PI Datasheet(PDF) 39 Page - Intel Corporation

Part # GD82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541PI Datasheet(HTML) 39 Page - Intel Corporation

Back Button GD82541PI Datasheet HTML 35Page - Intel Corporation GD82541PI Datasheet HTML 36Page - Intel Corporation GD82541PI Datasheet HTML 37Page - Intel Corporation GD82541PI Datasheet HTML 38Page - Intel Corporation GD82541PI Datasheet HTML 39Page - Intel Corporation GD82541PI Datasheet HTML 40Page - Intel Corporation GD82541PI Datasheet HTML 41Page - Intel Corporation GD82541PI Datasheet HTML 42Page - Intel Corporation GD82541PI Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Networking Silicon — 82541(PI/GI/EI)
39
3.3V
P2
1.2V
J6
1.2V
L4
3.3V
P12
1.2V
J7
1.2V
L5
1.2V
J8
1.2V
L9
Table 28. Digital Power Signals (Sheet 2 of 2) (Continued)
Signal
Pin
Signal
Pin
Signal
Pin
Table 29. Analog Power Signals
Signal
Pin
Signal
Pin
Signal
Pin
ANALOG_1.2V
E11
ANALOG_1.8V
D11
CLKR_1.8V
D12
ANALOG_1.2V
E12
ANALOG_1.8V
G12
XTAL_1.8V
J13
ANALOG_1.2V
G13
PLL_1.2V
G4
ANALOG_1.2V
H11
PLL_1.2V
H4
Table 30. Grounds and No Connect Signals
Signal
Pin
Signal
Pin
Signal
Pin
Signal
Pin
VSS
B3
VSS
F10
VSS
L11
NC
D10
VSS
B7
VSS
F4
VSS
L6
NC
D9
VSS
C10
VSS
F5
VSS
M6
NC
H12
VSS
D5
VSS
F6
VSS
N1
NC
L8
VSS
D6
VSS
F7
VSS
N12
NC
P1
VSS
D7
VSS
F8
VSS
P8
NC
P14
VSS
D8
VSS
F9
AVSS
C12
RSVD_NC
C5
VSS
E10
VSS
G10
AVSS
D13
RSVD_NC
L7
VSS
E2
VSS
G7
AVSS
F11
RSVD_NC
M8
VSS
E5
VSS
G8
AVSS
G11
RSVD_NC
N11
VSS
E6
VSS
G9
AVSS
G14
RSVD_NC
F12
VSS
E7
VSS
H10
AVSS
K12
RSVD_VSS
D4
VSS
E8
VSS
H9
NC
A1
RSVD_VSS
E4
VSS
E9
VSS
K2
NC
A14
Table 31. Voltage Regulation Control Signals
Signal
Pin
Signal
Pin
CTRL18
B13
CTRL12
P11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com