Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD82541PI Datasheet(PDF) 16 Page - Intel Corporation

Part # GD82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541PI Datasheet(HTML) 16 Page - Intel Corporation

Back Button GD82541PI Datasheet HTML 12Page - Intel Corporation GD82541PI Datasheet HTML 13Page - Intel Corporation GD82541PI Datasheet HTML 14Page - Intel Corporation GD82541PI Datasheet HTML 15Page - Intel Corporation GD82541PI Datasheet HTML 16Page - Intel Corporation GD82541PI Datasheet HTML 17Page - Intel Corporation GD82541PI Datasheet HTML 18Page - Intel Corporation GD82541PI Datasheet HTML 19Page - Intel Corporation GD82541PI Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
82541(PI/GI/EI) — Networking Silicon
16
3.4.2
Other Signals (4)
3.5
PHY Signals
3.5.1
Crystal Signals (2)
Note:
The 82541 clock input circuit is optimized for use with an external crystal. However, an oscillator
may also be used in place of the crystal with the proper design considerations. The 82540EP/
82541(PI/GI/EI) & 825462EZ(EX) Dual Footprint Design Guide (AP-444) should be consulted for
further details.
3.5.2
Analog Signals (10)
Symbol
Type
Name and Function
SDP[3:0]
TS
Software Defined Pin. The Software Defined Pins are reserved and programmable
with respect to input and output capability. These default to input signals upon power-
up but may be configured differently by the EEPROM. The upper two bits may be
mapped to the General Purpose Interrupt bits if they are configured as input signals.
Symbol
Type
Name and Function
XTAL1
I
Crystal One. The Crystal One pin is a 25 MHz +/- 30 ppm input signal. It should be
connected to a crystal, and the other end of the crystal should be connected to XTAL2.
XTAL2
O
Crystal Two. Crystal Two is the output of an internal oscillator circuit used to drive a
crystal into oscillation.
Symbol
Type
Name and Function
MDI[0]+/-
A
Media Dependent Interface [0].
1000BASE-T: In MDI configuration, MDI[0]+/- corresponds to BI_DA+/-, and in MDI-X
configuration, MDI[0]+/- corresponds to BI_DB+/-.
100BASE_TX: In MDI configuration, MDI[0]+/- is used for the transmit pair, and in
MDI-X configuration, MDI[0]+/- is used for the receive pair.
10BASE-T: In MDI configuration, MDI[0]+/- is used for the transmit pair, and in MDI-X
configuration, MDI[0]+/- is used for the receive pair.
MDI[1]+/-
A
Media Dependent Interface [1].
1000BASE-T: In MDI configuration, MDI[1]+/- corresponds to BI_DB+/-, and in MDI-X
configuration, MDI[1]+/- corresponds to BI_DA+/-.
100BASE_TX: In MDI configuration, MDI[1]+/- is used for the receive pair, and in
MDI-X configuration, MDI[1]+/- is used for the transit pair.
10BASE-T: In MDI configuration, MDI[1]+/- is used for the receive pair, and in MDI-X
configuration, MDI[1]+/- is used for the transit pair.
MDI[2]+/-
A
Media Dependent Interface [2].
1000BASE-T: In MDI configuration, MDI[2]+/- corresponds to BI_DC+/-, and in MDI-X
configuration, MDI[2]+/- corresponds to BI_DD+/-.
100BASE_TX: Unused.
10BASE-T: Unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com