Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD82541PI Datasheet(PDF) 24 Page - Intel Corporation

Part # GD82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541PI Datasheet(HTML) 24 Page - Intel Corporation

Back Button GD82541PI Datasheet HTML 20Page - Intel Corporation GD82541PI Datasheet HTML 21Page - Intel Corporation GD82541PI Datasheet HTML 22Page - Intel Corporation GD82541PI Datasheet HTML 23Page - Intel Corporation GD82541PI Datasheet HTML 24Page - Intel Corporation GD82541PI Datasheet HTML 25Page - Intel Corporation GD82541PI Datasheet HTML 26Page - Intel Corporation GD82541PI Datasheet HTML 27Page - Intel Corporation GD82541PI Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
82541(PI/GI/EI) — Networking Silicon
24
Table 10. Power Specifications - Complete Subsystem
Complete Subsystem (Reference Design) Including Magnetics, LED, Regulator Circuits
D3cold -
wake
disabled
D3cold wake-
enabled @
10 Mbps
D3cold wake-
up enabled @
100 Mbps
D0 @10 Mbps
active
D0 @100
Mbps active
D0 @
1000 Mbps
active
Typ
Icc
(mA)a
Max
Icc
(mA)b
Typ
Icc
(mA)a
Max
Icc
(mA)b
Typ
Icc
(mA)a
Max
Icc
(mA)b
Typ
Icc
(mA)a
Max
Icc
(mA)b
Typ
Icc
(mA)a
Max
Icc
(mA)b
Typ
Icc
(mA)a
Max
Icc
(mA)b
3.3 V
4523677
12
19
21
36
46
1.8 V
1
2
20
25
110
115
85
85
110
115
315
320
1.2 V
7
1030358085859090
100
380
400
Sub-system
Power
40
mW
60
mW
175
mW
210
mW
650
mW
685
mW
585
mW
620
mW
725
mW
780
mW
2.4 W
2.5 W
a. Typical conditions: operating temperature (TA) = 25 C, nominal voltages, moderate network traffic at full duplex, and PCI 33 MHz
system interface.
b. Maximum conditions: minimum operating temperature (TA) values, maximum voltage values, continuous network traffic at full du-
plex, and PCI 33 MHz system interface.
Table 11. I/O Characteristics (Sheet 1 of 2)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input high voltage
3.3 V PCI
0.5 * VDD (3.3)
VDD (3.3) or
VIO
V
SMB
2.1
VDD (3.3) or
VIO
VIL
Input low voltage
Non-SMBa
VSS
0.3 * VDD (3.3)
V
SMB
VSS
0.8
IIN
Input current
0 < VIN < VDD (3.3)
-10
10
µA
Input with pull-
down resistor
(50 K
Ω)
VIN = VDD (3.3)
28
191
Inputs with pull-up
resistor (50 K
Ω)
VIN = VSS
-28
-191
IOL
Output low
current
3.3 V PCIb
2.09
mA
0
≤ VOUT ≤ 3.6V
100 * VOUT
0
≤ VOUT ≤ 1.3V
48 * VOUT
1.3V
≤ VOUT ≤ 3.6V
5.7 * VOUT+ 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com