Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD82541PI Datasheet(PDF) 12 Page - Intel Corporation

Part # GD82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541PI Datasheet(HTML) 12 Page - Intel Corporation

Back Button GD82541PI Datasheet HTML 8Page - Intel Corporation GD82541PI Datasheet HTML 9Page - Intel Corporation GD82541PI Datasheet HTML 10Page - Intel Corporation GD82541PI Datasheet HTML 11Page - Intel Corporation GD82541PI Datasheet HTML 12Page - Intel Corporation GD82541PI Datasheet HTML 13Page - Intel Corporation GD82541PI Datasheet HTML 14Page - Intel Corporation GD82541PI Datasheet HTML 15Page - Intel Corporation GD82541PI Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
82541(PI/GI/EI) — Networking Silicon
12
3.2.1
PCI Address, Data and Control Signals (44)
Symbol
Type
Name and Function
AD[31:0]
TS
Address and Data. Address and data signals are multiplexed on the same PCI pins. A
bus transaction includes an address phase followed by one or more data phases.
The address phase is the clock cycle when the Frame signal (FRAME#) is asserted
low. During the address phase AD[31:0] contain a physical address (32 bits). For I/O,
this is a byte address, and for configuration and memory, a DWORD address. The
82541(PI/GI/EI) device uses little endian byte ordering.
During data phases, AD[7:0] contain the least significant byte (LSB) and AD[31:24]
contain the most significant byte (MSB).
C/BE#[3:0]
TS
Bus Command and Byte Enables. Bus command and byte enable signals are
multiplexed on the same PCI pins. During the address phase of a transaction, C/
BE#[3:0] define the bus command. In the data phase, C/BE#[3:0] are used as byte
enables. The byte enables are valid for the entire data phase and determine which byte
lanes contain meaningful data.
C/BE[0]# applies to byte 0 (LSB) and C/BE#[3] applies to byte 3 (MSB).
PAR
TS
Parity. The Parity signal is issued to implement even parity across AD[31:0] and C/
BE#[3:0]. PAR is stable and valid one clock after the address phase. During data
phases, PAR is stable and valid one clock after either IRDY# is asserted on a write
transaction or TRDY# is asserted after a read transaction. Once PAR is valid, it remains
valid until one clock after the completion of the current data phase.
When the 82541(PI/GI/EI) controller is a bus master, it drives PAR for address and write
data phases, and as a slave device, drives PAR for read data phases.
FRAME#
STS
Cycle Frame. The Frame signal is driven by the 82541(PI/GI/EI) device to indicate the
beginning and length of a bus transaction.
While FRAME# is asserted, data transfers continue. FRAME# is de-asserted when the
transaction is in the final data phase.
IRDY#
STS
Initiator Ready. Initiator Ready indicates the ability of the 82541(PI/GI/EI) controller
(as a bus master device) to complete the current data phase of the transaction. IRDY#
is used in conjunction with the Target Ready signal (TRDY#). The data phase is
completed on any clock when both IRDY# and TRDY# are asserted.
During the write cycle, IRDY# indicates that valid data is present on AD[31:0]. For a
read cycle, it indicates the master is ready to accept data. Wait cycles are inserted until
both IRDY# and TRDY# are asserted together. The 82541(PI/GI/EI) controller drives
IRDY# when acting as a master and samples it when acting as a slave.
TRDY#
STS
Target Ready. The Target Ready signal indicates the ability of the 82541(PI/GI/EI)
controller (as a selected device) to complete the current data phase of the transaction.
TRDY# is used in conjunction with the Initiator Ready signal (IRDY#). A data phase is
completed on any clock when both TRDY# and IRDY# are sampled asserted.
During a read cycle, TRDY# indicates that valid data is present on AD[31:0]. For a write
cycle, it indicates the target is ready to accept data. Wait cycles are inserted until both
IRDY# and TRDY# are asserted together. The 82541(PI/GI/EI) device drives TRDY#
when acting as a slave and samples it when acting as a master.
STOP#
STS
Stop. The Stop signal indicates the current target is requesting the master to stop the
current transaction. As a slave, the 82541(PI/GI/EI) controller drives STOP# to request
the bus master to stop the transaction. As a master, the 82541(PI/GI/EI) controller
receives STOP# from the slave to stop the current transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com