Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD82541PI Datasheet(PDF) 21 Page - Intel Corporation

Part # GD82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541PI Datasheet(HTML) 21 Page - Intel Corporation

Back Button GD82541PI Datasheet HTML 17Page - Intel Corporation GD82541PI Datasheet HTML 18Page - Intel Corporation GD82541PI Datasheet HTML 19Page - Intel Corporation GD82541PI Datasheet HTML 20Page - Intel Corporation GD82541PI Datasheet HTML 21Page - Intel Corporation GD82541PI Datasheet HTML 22Page - Intel Corporation GD82541PI Datasheet HTML 23Page - Intel Corporation GD82541PI Datasheet HTML 24Page - Intel Corporation GD82541PI Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Networking Silicon — 82541(PI/GI/EI)
21
Output
Capacitance
Capacitance range when using PNP circuit
4.7
20
µF
Input
Capacitance
Capacitance range when using PNP circuit
4.7
20
µF
Capacitance
ESR
Equivalent series resistance of output
capacitancea
5
100
m
Ω
Ictrl_18
Maximum output current rating to CTRL18
20
mA
a. Tantalum capacitors must not be used.
Table 5.
1.2V Supply Voltage Ramp
Symbol
Parameter
Min
Max
Unit
Rise Time
Time from 10% to 90% mark
0.025
ms
Monotonicity
Voltage dip allowed in ramp
0
mV
Slope
Ramp rate at any time between 10% to 90%
38400
V/s
Operational
Range
Voltage range for normal operating conditions
1.14
1.26
V
Ripple
Maximum voltage ripple at frequency below
1 MHz
180
mVpk-to-pk
Ripple
Maximum voltage ripple at frequency below
1 MHz
1V
Overshoot
Maximum voltage allowed
1.45
V
Output
Capacitance
Capacitance range when using PNP circuit
4.7
20
µF
Input
Capacitance
Capacitance range when using PNP circuit
4.7
20
µF
Capacitance
ESR
Equivalent series resistance of output
capacitancea
a. Tantalum capacitors must not be used.
5
100
m
Ω
Ictrl_12
Maximum output current rating to CTRL12
20
mA
Table 4.
1.8V Supply Voltage Ramp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com