Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD82541PI Datasheet(PDF) 1 Page - Intel Corporation

Part # GD82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541PI Datasheet(HTML) 1 Page - Intel Corporation

  GD82541PI Datasheet HTML 1Page - Intel Corporation GD82541PI Datasheet HTML 2Page - Intel Corporation GD82541PI Datasheet HTML 3Page - Intel Corporation GD82541PI Datasheet HTML 4Page - Intel Corporation GD82541PI Datasheet HTML 5Page - Intel Corporation GD82541PI Datasheet HTML 6Page - Intel Corporation GD82541PI Datasheet HTML 7Page - Intel Corporation GD82541PI Datasheet HTML 8Page - Intel Corporation GD82541PI Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
82541 Family of Gigabit Ethernet
Controllers
Networking Silicon - 82541(PI/GI/EI)
Datasheet
Product Features
■
PCI Bus
— PCI revision 2.3, 32-bit, 33/66 MHz
— Algorithms that optimally use advanced PCI,
MWI, MRM, and MRL commands
— CLK_RUN# signal
— 3.3 V (5 V tolerant PCI signaling)
■
MAC Specific
— Low-latency transmit and receive queues
— IEEE 802.3x-compliant flow-control support
with software-controllable thresholds
— Caches up to 64 packet descriptors in a single
burst
— Programmable host memory receive buffers
(256 B to 16 KB) and cache line size (16 B to
256 B)
— Wide, optimized internal data path
architecture
— 64 KB configurable Transmit and Receive
FIFO buffers
■
PHY Specific
— Integrated for 10/100/1000 Mb/s full- and
half-duplex operation
— IEEE 802.3ab Auto-Negotiation and PHY
compliance and compatibility
— State-of-the-art DSP architecture implements
digital adaptive equalization, echo and cross-
talk cancellation
— Automatic polarity detection
— Automatic detection of cable lengths and
MDI vs. MDI-X cable at all speeds
■
Host Off-Loading
— Transmit and receive IP, TCP, and UDP
checksum off-loading capabilities
— Transmit TCP segmentation and advanced
packed filtering
— IEEE 802.1Q VLAN tag insertion and
stripping and packet filtering for up to 4096
VLAN tags
— Jumbo frame support up to 16 KB
— Intelligent Interrupt generation (multiple
packets per interrupt)
■
Manageability
— On-chip SMBus 2.0 port
— ASF 1.0 and 2.0
— Compliance with PCI Power Management
v1.1/ACPI v2.0
— Wake on LAN* (WoL) support
— Smart Power Down mode when no signal is
detected on the wire
— Power Save mode switches link speed from
1000 Mb/s down to 10 or 100 Mb/s when on
battery power
■
Additional Device
— Four programmable LED outputs
— On-chip power regulator control circuitry
— BIOS LAN Disable pin
— JTAG (IEEE 1149.1) Test Access Port built
in silicon (3.3 V, 5 V tolerant PCI signaling)
■
Lead-free
a 196-pin Ball Grid Array (BGA).
Devices that are lead-free are marked with a
circled “e1” and have the product code:
LUxxxxxx.
a. This device is lead-free. That is, lead has not been intentionally added, but lead may still exist as an impurity at
<1000 ppm. The Material Declaration Data Sheet, which includes lead impurity levels and the concentration of other
Restriction on Hazardous Substances (RoHS)-banned materials, is available at:
ftp://download.intel.com/design/packtech/material_content_IC_Package.pdf#pagemode=bookmarks
In addition, this device has been tested and conforms to the same parametric specifications as previous versions of
the device.
For more information regarding lead-free products from Intel Corporation, contact your Intel Field Sales represen-
tative
318138-002
Revision 2.7


Similar Part No. - GD82541PI

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GD82541ER INTEL-GD82541ER Datasheet
327Kb / 48P
82541ER Gigabit Ethernet Controller
More results

Similar Description - GD82541PI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT6120 ETC1-VT6120 Datasheet
1Mb / 2P
Velocity Gigabit Ethernet Controllers
logo
Intel Corporation
82541 INTEL-82541 Datasheet
711Kb / 46P
Family of Gigabit Ethernet Controllers
logo
Zilog, Inc.
Z85C3008VEC ZILOG-Z85C3008VEC Datasheet
637Kb / 2P
ZiLOGs Family of Serial Communication Controllers
Z85C3008VEC00TR ZILOG-Z85C3008VEC00TR Datasheet
637Kb / 2P
ZiLOG?셲 Family of Serial Communication Controllers
logo
Intel Corporation
82563EB INTEL-82563EB Datasheet
100Kb / 2P
Intel짰 82563EB/82564EB Gigabit Ethernet Controllers
logo
AAEON Technology
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
gigabit ethernet
logo
Microsemi Corporation
VSC7442-02 MICROSEMI-VSC7442-02 Datasheet
4Mb / 520P
Family of L2/L3 Enterprise Gigabit Ethernet Switches with 10 Gbps Links
VSC7438-02 MICROSEMI-VSC7438-02 Datasheet
9Mb / 603P
Family of Carrier Ethernet Switches
logo
STCmicro Technology Co,...
STC8F STC-STC8F Datasheet
5Mb / 509P
STC8F family of Micro-controllers Reference Manual
2020/3/9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com