Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD82541PI Datasheet(PDF) 18 Page - Intel Corporation

Part # GD82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541PI Datasheet(HTML) 18 Page - Intel Corporation

Back Button GD82541PI Datasheet HTML 14Page - Intel Corporation GD82541PI Datasheet HTML 15Page - Intel Corporation GD82541PI Datasheet HTML 16Page - Intel Corporation GD82541PI Datasheet HTML 17Page - Intel Corporation GD82541PI Datasheet HTML 18Page - Intel Corporation GD82541PI Datasheet HTML 19Page - Intel Corporation GD82541PI Datasheet HTML 20Page - Intel Corporation GD82541PI Datasheet HTML 21Page - Intel Corporation GD82541PI Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
82541(PI/GI/EI) — Networking Silicon
18
3.7.2
Grounds, Reserved Pins and No Connects
3.7.3
Voltage Regulation Control Signals (2)
Symbol
Type
Name and Function
VSS
P
Ground.
AVSS
P
Shared analog Ground.
RSVD_VSS
P
Reserved Ground. This pin is reserved by Intel and may have factory test functions.
For normal operation, connect to ground.
RSVD_NC
P
Reserved No connect. This pin is reserved by Intel and may have factory test
functions. For normal operation, do not connect any circuit to these pins. Do not
connect pull-up or pull-down resistors.
NC
P
No Connect. This pin is not connected internally.
Symbol
Type
Name and Function
CTRL12
A
1.2 V Control. LDO voltage regulator output to drive external PNP pass transistor. If
1.2 V is already present in the system, leave output unconnected. To achieve optimal
D3 power consumption, leave the output unconnected and use a high-efficiency
external regulator.
CTRL18
A
1.8 V Control. LDO voltage regulator output to drive external PNP pass transistor. If
1.8 V is already present in the system, leave output unconnected. To achieve optimal
D3 power consumption, leave the output unconnected and use a high-efficiency
external regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com