Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD82541PI Datasheet(PDF) 31 Page - Intel Corporation

Part # GD82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541PI Datasheet(HTML) 31 Page - Intel Corporation

Back Button GD82541PI Datasheet HTML 27Page - Intel Corporation GD82541PI Datasheet HTML 28Page - Intel Corporation GD82541PI Datasheet HTML 29Page - Intel Corporation GD82541PI Datasheet HTML 30Page - Intel Corporation GD82541PI Datasheet HTML 31Page - Intel Corporation GD82541PI Datasheet HTML 32Page - Intel Corporation GD82541PI Datasheet HTML 33Page - Intel Corporation GD82541PI Datasheet HTML 34Page - Intel Corporation GD82541PI Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
Networking Silicon — 82541(PI/GI/EI)
31
NOTE: 50 pF load used for maximum times. Minimum times are specified with 0 pF load.
Figure 10. TVAL Test Load (PCI 5 V Signaling Environment)
50 pF
Pin
Test
Point
1/2 inch max.
Table 20. Link Interface Rise and Fall Times
Symbol
Parameter
Condition
Min
Max
Unit
TR
Clock rise time
0.8 V to 2.0 V
0.7
ns
TF
Clock fall time
2.0 V to 0.8 V
0.7
ns
TR
Data rise time
0.8 V to 2.0 V
0.7
ns
TF
Data fall time
2.0 V to 0.8 V
0.7
ns
Figure 11. Link Interface Rise/Fall Timing
2.0 V
0.8 V
TF
TR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com