Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD82541PI Datasheet(PDF) 13 Page - Intel Corporation

Part # GD82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541PI Datasheet(HTML) 13 Page - Intel Corporation

Back Button GD82541PI Datasheet HTML 9Page - Intel Corporation GD82541PI Datasheet HTML 10Page - Intel Corporation GD82541PI Datasheet HTML 11Page - Intel Corporation GD82541PI Datasheet HTML 12Page - Intel Corporation GD82541PI Datasheet HTML 13Page - Intel Corporation GD82541PI Datasheet HTML 14Page - Intel Corporation GD82541PI Datasheet HTML 15Page - Intel Corporation GD82541PI Datasheet HTML 16Page - Intel Corporation GD82541PI Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Networking Silicon — 82541(PI/GI/EI)
13
3.2.2
Arbitration Signals (2)
3.2.3
Interrupt Signal (1)
3.2.4
System Signals (4)
IDSEL
I
Initialization Device Select. The Initialization Device Select signal is used by the
82541(PI/GI/EI) as a chip select signal during configuration read and write transactions.
DEVSEL#
STS
Device Select. When the Device Select signal is actively driven by the 82541(PI/GI/
EI), it signals the bus master that it has decoded its address as the target of the current
access. As an input, DEVSEL# indicates whether any device on the bus has been
selected.
VIO
P
VIO. The VIO signal is a voltage reference for the PCI interface (3.3 V or 5 V PCI
signaling environment). It is used as the clamping voltage.
Note: VIO should be connected to 3.3 V Aux or 5 V Aux in order to be compatible with
the pull-up clamps specification.
Symbol
Type
Name and Function
REQ#
TS
Request Bus. The Request Bus signal is used to request control of the bus from the
arbiter. This signal is point-to-point.
GNT#
I
Grant Bus. The Grant Bus signal notifies the 82541(PI/GI/EI) that bus access has
been granted. This is a point-to-point signal.
Symbol
Type
Name and Function
INTA#
TS
Interrupt A. Interrupt A is used to request an interrupt of the 82541(PI/GI/EI). It is an
active low, level-triggered interrupt signal.
Symbol
Type
Name and Function
CLK
I
PCI Clock. The PCI Clock signal provides timing for all transactions on the PCI bus
and is an input to the 82541(PI/GI/EI) device. All other PCI signals, except the Interrupt
A (INTA#) and PCI Reset signal (RST#), are sampled on the rising edge of CLK. All
other timing parameters are defined with respect to this edge.
M66EN
I
66 MHz Enable. M66EN indicates whether the system bus is enabled for 66MHz.
RST#
I
PCI Reset. When the PCI Reset signal is asserted, all PCI output signals, except the
Power Management Event signal (PME#), are floated and all input signals are ignored.
The PME# context is preserved, depending on power management settings.
Most of the internal state of the 82541(PI/GI/EI) is reset on the de-assertion (rising
edge) of RST#.
CLK_RUN#
I/O
OD
Clock Run. This signal is used by the system to pause the PCI clock signal. It is used
by the 82541(PI/GI/EI) controller to request the PCI clock. When the CLK_RUN#
feature is disabled, leave this pin unconnected.
Symbol
Type
Name and Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com