Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCDC1008-R215EMO Datasheet(PDF) 18 Page - International Rectifier

Part # PCDC1008-R215EMO
Description  25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCDC1008-R215EMO Datasheet(HTML) 18 Page - International Rectifier

Back Button PCDC1008-R215EMO Datasheet HTML 14Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 15Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 16Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 17Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 18Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 19Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 20Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 21Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 22Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
IR3447
18
www.irf.com
© 2013 International Rectifier
July 17, 2013
THEORY OF OPERATION
DESCRIPTION
The IR3447 uses a PWM voltage mode control
scheme with external compensation to provide good
noise immunity and maximum flexibility in selecting
inductor values and capacitor types.
The switching frequency is programmable from
300kHz to 1.5MHz and provides the capability of
optimizing the design in terms of size and
performance.
IR3447 provides precisely regulated output voltage
programmed via two external resistors from 0.6V to
0.86*PVin.
The IR3447 operates with an internal bias supply
(LDO) which is connected to the VCC pin. This allows
operation with single supply. The bias voltage is
variable according to load condition. If the output load
current is less than half of the peak-to-peak inductor
current, a lower bias voltage, 4.4V, is used as the
internal gate drive voltage; otherwise, a higher
voltage, 6.8V, is used.
This feature helps the converter to reduce power
losses. The device can also be operated with an
external supply from 4.5V to 7.5V, allowing an
extended operating input voltage (PVin) range from
1.5V to 21V. For using the internal LDO supply, the
Vin pin should be connected to PVin pin. If an external
supply is used, it should be connected to VCC pin and
the Vin pin should be shorted to VCC pin.
The device utilizes the on-resistance of the low side
MOSFET (synchronous Mosfet) as current sense
element. This method enhances the converter’s
efficiency and reduces cost by eliminating the need for
external current sense resistor.
IR3447 includes two low Rds(on) MOSFETs using IR’s
HEXFET technology. These are specifically designed
for high efficiency applications.
UNDER-VOLTAGE LOCKOUT AND POR
The under-voltage lockout circuit monitors the voltage
of VCC pin and the Enable input. It assures that the
MOSFET driver outputs remain in the off state
whenever either of these two signals drops below the
set thresholds. Normal operation resumes once VCC
and Enable rise above their thresholds.
The POR (Power On Ready) signal is generated when
all these signals reach the valid logic level (see
system block diagram). When the POR is asserted the
soft start sequence starts (see soft start section).
ENABLE
The Enable features another level of flexibility for
startup. The Enable has precise threshold which is
internally
monitored
by
Under-Voltage
Lockout
(UVLO) circuit. Therefore, the IR3447 will turn on only
when the voltage at the Enable pin exceeds this
threshold, typically, 1.2V.
If the input to the Enable pin is derived from the bus
voltage by a suitably programmed resistive divider, it
can be ensured that the IR3447 does not turn on until
the bus voltage reaches the desired level Figure 4.
Only after the bus voltage reaches or exceeds this
level and voltage at the Enable pin exceeds its
threshold, IR3447 will be enabled. Therefore, in
addition to being a logic input pin to enable the
IR3447, the Enable feature, with its precise threshold,
also allows the user to implement an Under-Voltage
Lockout for the bus voltage (PVin). It can help prevent
the IR3447 from regulating at low PVin voltages that
can cause excessive input current.
Figure 4: Normal Start up, device turns on when the
bus voltage reaches 10.2V
A resistor divider is used at EN pin from PVin to turn
on the device at 10.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com