Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCDC1008-R215EMO Datasheet(PDF) 34 Page - International Rectifier

Part # PCDC1008-R215EMO
Description  25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCDC1008-R215EMO Datasheet(HTML) 34 Page - International Rectifier

Back Button PCDC1008-R215EMO Datasheet HTML 30Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 31Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 32Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 33Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 34Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 35Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 36Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 37Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 38Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
IR3447
34
www.irf.com
© 2013 International Rectifier
July 17, 2013
EXTERNALLY BIASED DUAL SUPPLIES
Figure 29: Application circuit for a 12V to 1.2V, 21A Point of Load Converter using external 5V VCC
Suggested Bill of Material for application circuit 12V to 1.2V using external 5V VCC
Part Reference
Qty
Value
Description
Manufacturer
Part Number
Cpvin1
1
330uF
SMD, electrolytic, 25V, 20%
Panasonic
EEV-FK1E331P
Cpvin2
7
22uF
1206, 25V, X5R, 10%
Murata
GRM31CR61E226KE15L
Cref
1
100pF
0603, 50V, C0G, 5%
Murata
GRM1885C1H101JA01D
Cvin
1
1.0uF
0603, 25V, X5R, 20%
Murata
GRM188R61E105KA12D
Cvcc
1
10uF
0603, 10V, X5R, 20%
TDK
C1608X5R1A106M
Cpvin3 Cboot Co1
3
0.1uF
0603, 25V, X7R, 10%
Murata
GRM188R71E104KA01D
Cc1
1
2200pF
0603, 50V, X7R, 10%
Murata
GRM188R71H222KA01D
Cc2
1
8.2nF
0603, 50V, X7R, 10%
Murata
GRM188R71H822KA01D
Cc3
1
160pF
0603, 50V, NPO, 5%
Murata
GRM1885C1H161JA01D
Cout1
10
47uF
0805, 6.3V, X5R, 20%
TDK
C2012X5R0J476M
L0
1
0.215uH
10.1x7.8x7.3mm,
DCR=0.29mΩ
Cyntec
PCDC1008-R215EMO
Rbd
1
20
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF20R0V
Rc1
1
52.3
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF52R3V
Rc2
1
1.91K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF1911V
Ren1
1
7.5K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF7501V
Ren2
1
49.9K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF4992V
Rfb1 Rfb2
Rsns1Rsns1
4
4.22K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF4221V
Rt
1
39.2K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF3922V
Rpg
1
10K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF1002V
U1
1
IR3447
PQFN 5x6mm
International
Rectifier
IR3447MPBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com