Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCDC1008-R215EMO Datasheet(PDF) 20 Page - International Rectifier

Part # PCDC1008-R215EMO
Description  25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCDC1008-R215EMO Datasheet(HTML) 20 Page - International Rectifier

Back Button PCDC1008-R215EMO Datasheet HTML 16Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 17Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 18Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 19Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 20Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 21Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 22Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 23Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
IR3447
20
www.irf.com
© 2013 International Rectifier
July 17, 2013
from Rt pin to LGnd. Table 1 tabulates the oscillator
frequency versus Rt.
Table 1: Switching Frequency(Fs) vs. External
Resistor(Rt)
Rt (KΩ)
Freq
(KHz)
80.6
300
60.4
400
48.7
500
39.2
600
34
700
29.4
800
26.1
900
23.2
1000
21
1100
19.1
1200
17.4
1300
16.2
1400
15
1500
SHUTDOWN
IR3447 can be shutdown by pulling the Enable pin
below its 1.0V threshold. During shutdown the high
side and the low side drivers are turned off.
OVER CURRENT PROTECTION
The Over Current (OC) protection is performed by
sensing the inductor current through the RDS(on) of the
Synchronous MOSFET. This method enhances the
converter’s efficiency, reduces cost by eliminating a
current sense resistor and any layout related noise
issues. The Over Current (OC) limit can be set to one
of three possible settings by floating the OCset pin, by
pulling up the OCset pin to VCC, or pulling down the
OCset pin to PGnd. The current limit scheme in the
IR3447 uses an internal temperature compensated
current source to achieve an almost constant OC limit
over temperature.
Over Current Protection circuit senses the inductor
current flowing through the Synchronous MOSFET.
To help minimize false tripping due to noise and
transients, inductor current is sampled for about 30 nS
on the downward inductor current slope approximately
12.5% of the switching period before the inductor
current valley. However, if the Synchronous MOSFET
is on for less than 12.5% of the switching period, the
current is sampled approximately 40nS after the start
of the downward slope of the inductor current. When
the sampled current is higher than the OC Limit, an
OC event is detected.
When an Over Current event is detected, the
converter enters hiccup mode.
Hiccup mode is
performed by latching the OC signal and pulling the
Intl_SS signal to ground for 20.48 mS (typ.). OC
signal clears after the completion of hiccup mode and
the converter attempts to return to the nominal output
voltage using a soft start sequence. The converter will
repeat hiccup mode and attempt to recover until the
overload or short circuit condition is removed.
Because the IR3447 uses valley current sensing, the
actual DC output current limit will be greater than OC
limit. The DC output current is approximately half of
peak to peak inductor ripple current above selected
OC limit. OC Limit, inductor value, input voltage,
output voltage and switching frequency are used to
calculate the DC output current limit for the converter.
Equation (2) to determine the approximate DC output
current limit.
2
i
I
I
LIMIT
OCP
(2)
IOCP
= DC current limit hiccup point
ILIMIT
= Current Limit Valley Point
∆i
= Inductor ripple current
Figure 9: Timing Diagram for Current Limit Hiccup
THERMAL SHUTDOWN
Temperature sensing is provided inside IR3447. The
trip threshold is typically 145
oC. When trip threshold is
exceeded, thermal shutdown turns off both MOSFETs
and resets the internal soft start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com