Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCDC1008-R215EMO Datasheet(PDF) 22 Page - International Rectifier

Part # PCDC1008-R215EMO
Description  25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCDC1008-R215EMO Datasheet(HTML) 22 Page - International Rectifier

Back Button PCDC1008-R215EMO Datasheet HTML 18Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 19Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 20Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 21Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 22Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 23Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 24Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 25Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 26Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
IR3447
22
www.irf.com
© 2013 International Rectifier
July 17, 2013
transitions to output voltage, a diode is recommended
to add between the external clock and Rt/Sync pin.
Figure 12 shows the timing diagram of these
transitions.
An internal circuit is used to change the PWM ramp
slope according to the clock frequency applied on
Rt/Sync pin. Even though the frequency of the
external synchronization clock can vary in a wide
range, the PLL circuit keeps the ramp amplitude
constant, requiring no adjustment of the loop
compensation. PVin variation also affects the ramp
amplitude, which will be discussed separately in Feed-
Forward section.
SW
SYNC
...
...
Graduallychange
Fs1
Fs2
Fs1
FreeRunning
Frequency
Synchronizetothe
external clock
Returntofree-
runningfreq
Graduallychange
Figure 12: Timing Diagram for Synchronization
to the external clock (Fs1>Fs2 or Fs1<Fs2)
FEED-FORWARD
Feed-Forward (F.F.) is an important feature, because
it can keep the converter stable and preserve its load
transient performance when PVin varies. The PWM
ramp amplitude (Vramp) is proportionally changed
with PVin to maintain PVin/Vramp almost constant
throughout PVin variation range (as shown in Figure
13). The PWM ramp amplitude is adjusted to 0.15 of
PVin. Thus, the control loop bandwidth and phase
margin can be maintained constant. Feed-forward
function can also minimize impact on output voltage
from fast PVin change. F.F. is disabled when
PVin<6.2V and the PWM ramp is typically 0.9V. For
PVin<6.2V, PVin voltage should be accounted for
when calculating control loop parameters.
Figure 13: Timing Diagram for Feed-Forward (F.F.)
Function
SMART LOW DROPOUT REGULATOR (LDO)
IR3447 has an integrated low dropout (LDO) regulator
which can provide gate drive voltage for both drivers.
In order to improve overall efficiency over the whole
load range, LDO voltage is set to 6.8V (typ.) at mid- or
heavy load condition to reduce Rds(on) and thus
MOSFET conduction loss; and it is reduced to 4.4V
(typ.) at light load condition to reduce gate drive loss.
The smart LDO selects its output voltage according to
the load condition by sensing the inductor current (IL).
At light load condition, the inductor current can fall
below zero as shown in Figure 14. A zero crossing
comparator is used to detect when the inductor
current falls below zero at the LDrv Falling Edge. If the
comparator detects zero crossing events for 256
consecutive switching cycles, the smart LDO reduces
its output to 4.4V. The LDO voltage will remain low
until a zero crossing is not detected. Once a zero
crossing is not detected, the counter is reset and LDO
voltage returns to 6.8V. Figure 14 shows the timing
diagram. Whenever the device turns on, LDO always
starts with 6.8V, then goes to 4.4V / 6.8V depending
upon the load condition.
However, if only Vin is
applied with Enable low, the LDO output is 4.4V.
Figure 14: Time Diagram for Smart LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com