Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCDC1008-R215EMO Datasheet(PDF) 19 Page - International Rectifier

Part # PCDC1008-R215EMO
Description  25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCDC1008-R215EMO Datasheet(HTML) 19 Page - International Rectifier

Back Button PCDC1008-R215EMO Datasheet HTML 15Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 16Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 17Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 18Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 19Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 20Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 21Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 22Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
IR3447
19
www.irf.com
© 2013 International Rectifier
July 17, 2013
Vcc
PVin=Vin
Intl_SS
EN
> 1.2V
Vo
Figure 5: Recommended startup for Normal operation
Figure 5 shows the recommended startup sequence
for the typical operation of IR3447 with Enable used
as logic input.
PRE-BIAS STARTUP
IR3447 is able to start up into pre-charged output,
which prevents oscillation and disturbances of the
output voltage.
The output starts in asynchronous fashion and keeps
the synchronous MOSFET (Sync FET) off until the
first gate signal for control MOSFET (Ctrl FET) is
generated. Figure 6 shows a typical Pre-Bias condition
at start up. The sync FET always starts with a narrow
pulse width (12.5% of a switching period) and
gradually increases its duty cycle with a step of 12.5%
until it reaches the steady state value. The number of
these startup pulses for each step is 16 and it’s
internally programmed. Figure 7 shows the series of
16x8 startup pulses.
Vo
[V]
[Time]
Pre-Bias
Voltage
Figure 6: Pre-Bias startup
...
...
...
HDRv
...
...
...
16
End of
PB
LDRv
12.5%
25%
87.5%
16
...
...
...
...
Figure 7: Pre-Bias startup pulses
SOFT-START
IR3447 has an internal digital soft-start to control the
output voltage rise and to limit the current surge at the
start-up. To ensure correct start-up, the soft-start
sequence initiates when the Enable and VCC rise
above their UVLO thresholds and generate the Power
On Ready (POR) signal. The internal soft-start
(Intl_SS) signal linearly rises with the rate of 0.4mV/µs
from 0V to 1.5V.
Figure 8 shows the waveforms
during soft start. The normal Vout startup time is fixed,
and is equal to:
mS
S
mV
V
V
Tstart
5
.
1
/
4
.
0
15
.
0
75
.
0
(1)
During the soft start the over-current protection (OCP)
and over-voltage protection (OVP) is enabled to
protect the device for any short circuit or over voltage
condition.
POR
Intl_SS
Vout
0.15V
0.75V
t1 t2
t3
1.5V
3.0V
Figure 8: Theoretical operation waveforms during
soft-start
OPERATING FREQUENCY
The switching frequency can be programmed between
300kHz – 1500kHz by connecting an external resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com