Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCDC1008-R215EMO Datasheet(PDF) 13 Page - International Rectifier

Part # PCDC1008-R215EMO
Description  25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCDC1008-R215EMO Datasheet(HTML) 13 Page - International Rectifier

Back Button PCDC1008-R215EMO Datasheet HTML 9Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 10Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 11Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 12Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 13Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 14Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 15Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 16Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
IR3447
13
www.irf.com
© 2013 International Rectifier
July 17, 2013
THERMAL DERATING CURVES
Measurements are done on IR3447 Evaluation board. PCB is a 6 layer board with 2 oz copper, FR4 material.
Vin=PVin=12V, Vout =1.2V, VCC=internal LDO (6.8V), Fs = 600kHz
Vin=PVin=12V, Vout =5.0V, VCC=internal LDO (6.8V), Fs = 600kHz
Note: International Rectifier Corporation specifies current rating of SupIRBuck devices conservatively. The
continuous current load capability might be higher than the rating of the device if input voltage is 12V typical and
switching frequency is below 600kHz. However, the maximum current is limited by the internal current limit and
designers need to consider enough guard bands between load current and minimum current limit to guarantee
that the device does not trip at steady state condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com