Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCDC1008-R215EMO Datasheet(PDF) 11 Page - International Rectifier

Part # PCDC1008-R215EMO
Description  25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCDC1008-R215EMO Datasheet(HTML) 11 Page - International Rectifier

Back Button PCDC1008-R215EMO Datasheet HTML 7Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 8Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 9Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 10Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 11Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 12Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 13Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 14Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
IR3447
11
www.irf.com
© 2013 International Rectifier
July 17, 2013
TYPICAL EFFICIENCY AND POWER LOSS CURVES
PVin = 12V, Vin = VCC = 5V, Io=0-25A, Fs= 600kHz, Room Temperature, No Air Flow. Note that the losses of
the inductor, input and output capacitors are also considered in the efficiency and power loss curves. The table
below shows the indicator used for each of the output voltages in the efficiency measurement.
VOUT (V)
LOUT (uH)
P/N
DCR (mΩ)
1.0
0.215
PCDC1008-R215EMO (Cyntec)
0.29
1.2
0.215
PCDC1008-R215EMO (Cyntec)
0.29
1.8
0.311
FP1109-R33-R (Coiltronics)
0.42
3.3
0.68
7443320068 (Wurth Elektronik)
0.72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com