Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCDC1008-R215EMO Datasheet(PDF) 46 Page - International Rectifier

Part # PCDC1008-R215EMO
Description  25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCDC1008-R215EMO Datasheet(HTML) 46 Page - International Rectifier

Back Button PCDC1008-R215EMO Datasheet HTML 42Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 43Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 44Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 45Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 46Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 47Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 48Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 49Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 50Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
IR3447
46
www.irf.com
© 2013 International Rectifier
July 17, 2013
SOLDER RESIST
IR recommends that the larger Power or Land
Area pads are Solder Mask Defined (SMD).
This allows the underlying Copper traces to be
as large as possible, which helps in terms of
current carrying capability and device cooling
capability.
When using SMD pads, the underlying copper
traces should be at least 0.05mm larger (on
each edge) than the Solder Mask window, in
order to accommodate any layer to layer
misalignment. (i.e. 0.1mm in X & Y).
However, for the smaller Signal type leads
around
the
edge
of
the
device,
IR
recommends that these are Non Solder Mask
Defined or Copper Defined.
When using NSMD pads, the Solder Resist
Window should be larger than the Copper Pad
by at least 0.025mm on each edge, (i.e.
0.05mm in X & Y), in order to accommodate
any layer to layer misalignment.
Ensure that the solder resist in-between the
smaller signal lead areas are at least 0.15mm
wide, due to the high x/y aspect ratio of the
solder mask strip.
SOLDER MASK DESIGN
PAD SIZES (DETAIL 1)
SOLDER MASK DESIGN
PAD SIZES (DETAIL 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com