Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCDC1008-R215EMO Datasheet(PDF) 21 Page - International Rectifier

Part # PCDC1008-R215EMO
Description  25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCDC1008-R215EMO Datasheet(HTML) 21 Page - International Rectifier

Back Button PCDC1008-R215EMO Datasheet HTML 17Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 18Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 19Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 20Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 21Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 22Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 23Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 24Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
IR3447
21
www.irf.com
© 2013 International Rectifier
July 17, 2013
Automatic restart is initiated when the sensed
temperature drops within the operating range. There
is a 20
oC hysteresis in the thermal shutdown
threshold.
REMOTE VOLTAGE SENSING
True differential remote sensing in the feedback loop
is critical to high current applications where the output
voltage across the load may differ from the output
voltage measured locally across an output capacitor
at the output inductor, and to applications that require
die voltage sensing.
The RS+ and RS- pins of the IR3447 form the inputs
to a remote sense differential amplifier (RSA) with
high speed, low input offset and low input bias current
which ensure accurate voltage sensing and fast
transient response in such applications.
The input range for the differential amplifier is limited
to 1.5V below the VCC rail.
Note that IR3447
incorporates a smart LDO which switches the VCC rail
voltage depending on the loading. When determining
the input range assume the part is in light load and
using the lower VCC rail voltage.
There are two remote sense configurations that are
usually implemented.
Figure 10 shows a general
remote sense (RS) configuration. This configuration
allows the RSA to monitor output voltages above
VCC. A resistor divider is placed in between the
output and the RSA to provide a lower input voltage to
the RSA inputs.
Typically, the resistor divider is
calculated to provide VREF (0.6V) across the RSA
inputs which is then outputted to RSo.
The input
impedance of the RSA is 63 KOhms typically and
should be accounted for when determining values for
the resistor divider. To account for the input
impedance, assume a 63 KOhm resistor in parallel to
the lower resistor in the divider network.
The
compensation is then designed for 0.6V to match the
RSo value.
Low voltage applications can use the second remote
sense configuration. When the output voltage range
is within the RSA input specifications, no resistor
divider is needed in between the converter output and
RSA. The second configuration is shown in Figure
11. The RSA is used as a unity gain buffer and
compensation is determined normally.
(< VCC-1.5V)
RSA
+
-
+
-
RS+
RS-
RSo
Vout
FB
Resistor Divider
Figure 10: General Remote Sense Configuration
Figure 11: Remote Sense Configuration for Vout less
than VCC-1.5V
EXTERNAL SYNCHRONIZATION
IR3447 incorporates an internal phase lock loop (PLL)
circuit which enables synchronization of the internal
oscillator to an external clock. This function is
important to avoid sub-harmonic oscillations due to
beat frequency for embedded systems when multiple
point-of-load (POL) regulators are used. A multi-
function pin, Rt/Sync, is used to connect the external
clock. If the external clock is present before the
converter turns on, Rt/Sync pin can be connected to
the external clock signal solely and no other resistor is
needed. If the external clock is applied after the
converter turns on, or the converter switching
frequency needs to toggle between the external clock
frequency and the internal free-running frequency, an
external resistor from Rt/Sync pin to LGnd is required
to set the free-running frequency.
When an external clock is applied to Rt/Sync pin after
the converter runs in steady state with its free-running
frequency,
a
transition
from
the
free-running
frequency to the external clock frequency will happen.
This transition is to gradually make the actual
switching frequency equal to the external clock
frequency, no matter which one is higher. When the
external clock signal is removed from Rt/Sync pin, the
switching frequency is also changed to free-running
gradually. In order to minimize the impact from these



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com