Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCDC1008-R215EMO Datasheet(PDF) 3 Page - International Rectifier

Part # PCDC1008-R215EMO
Description  25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCDC1008-R215EMO Datasheet(HTML) 3 Page - International Rectifier

  PCDC1008-R215EMO Datasheet HTML 1Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 2Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 3Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 4Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 5Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 6Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 7Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 8Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
IR3447
3
www.irf.com
© 2013 International Rectifier
July 17, 2013
FUNCTIONAL BLOCK DIAGRAM
Comp
CByp
FB
Smart
LDO
Vin
LGnd
DCM
VCC/
LDO_out
UVcc
Enable
UVEN
CONTROL
LOGIC
Rt/Sync
PGD
OVER CURRENT
DRIVER
+
BODY
BREAKING
CONTROL
HDin
LDin
HDrv
LDrv
DIGITAL
SOFT
START
SSOK
UVEN
Vsns
OC
FAULT
Intl_SS
FAULT
Boot
PVin
SW
PGnd
OV
THERMAL
SHUTDOWN
FAULT
CONTROL
TSD
UVcc
OC
+
+
-
E/A
OVER
VOLTAGE
POR
POR
UVcc
ZERO CROSSING
COMPARATOR
ZC
POR
UVcc
VREF
PVin
POR
OCset
RSo
RS+
RS-
VCC
-
+
0.6V
POR
CLK
VREF
FB
FB
DCM
VREF
Figure 3: IR3447 Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com