Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCDC1008-R215EMO Datasheet(PDF) 9 Page - International Rectifier

Part # PCDC1008-R215EMO
Description  25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCDC1008-R215EMO Datasheet(HTML) 9 Page - International Rectifier

Back Button PCDC1008-R215EMO Datasheet HTML 5Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 6Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 7Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 8Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 9Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 10Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 11Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 12Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
IR3447
9
www.irf.com
© 2013 International Rectifier
July 17, 2013
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Body Braking
BB Threshold
BB_threshold
Fb > Vref, SW duty
cycle, Note 3
0
%
FAULTS
Power Good
Power Good Low Upper
Threshold
VPG_low(upper)
Vsns Rising
115
120
125
%
VREF
Power Good Low Upper
Threshold Falling delay
VPG_low(upper)_Dly
Vsns >
VPG_low(upper)
1.5
2.5
3.5
µs
Power Good High Lower
Threshold
VPG_high(lower)
Vsns Rising
95
%
VREF
Power Good High Lower
Threshold Rising Delay
VPG_high(lower)_Dly
Vsns rising
1.28
ms
Power Good Low Lower
Threshold
VPG_low(lower)
Vsns falling
90
%
VREF
Power Good Low Lower
Threshold Falling Delay
VPG_low(lower)_Dly
Vsns <
VPG_low(lower)
101
150
199
µs
PGood Voltage Low
PG (voltage)
IPGood = -5mA
0.5
V
Over Voltage Protection (OVP)
OVP Trip Threshold
OVP (trip)
Vsns Rising
115
120
125
%
VREF
OVP Fault Prop Delay
OVP (delay)
Vsns rising
1.5
2.5
3.5
µs
Over-Current Protection
OC Trip Current
ITRIP
OCSet=VCC, VCC =
6.8V, TJ = 25°C
29.25
32.5
35.75
A
OCSet=floating, VCC
= 6.8V, TJ = 25°C
23.4
26
28.6
A
OCSet=PGnd, VCC
=6.8V, TJ = 25°C
17.55
19.5
21.85
A
Hiccup blanking time
Tblk_Hiccup
Note 4
20.48
ms
Thermal Shutdown
Thermal Shutdown
Note 4
145
°C
Hysteresis
Note 4
20
°C
Notes:
4. Guaranteed by design but not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com