Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCDC1008-R215EMO Datasheet(PDF) 51 Page - International Rectifier

Part # PCDC1008-R215EMO
Description  25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCDC1008-R215EMO Datasheet(HTML) 51 Page - International Rectifier

Back Button PCDC1008-R215EMO Datasheet HTML 43Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 44Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 45Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 46Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 47Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 48Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 49Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 50Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 51Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 51 / 51 page
background image
IR3447
51
www.irf.com
© 2013 International Rectifier
July 17, 2013
ENVIRONMENTAL QUALIFICATIONS
 
Qualification Level
Industrial
Moisture Sensitivity Level
5mm x 6mm PQFN
MSL3
ESD
Machine Model
(JESD22-A115A)
Class A
<200V
Human Body Model
(JESD22-A114F)
Class 1C
1000V to <2000V
Charged Device Model
(JESD22-C101D)
Class III
500V to ≤1000V
RoHS Compliant
Yes
Data and specifications subject to change without notice.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information
.
www.irf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com