Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCDC1008-R215EMO Datasheet(PDF) 27 Page - International Rectifier

Part # PCDC1008-R215EMO
Description  25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCDC1008-R215EMO Datasheet(HTML) 27 Page - International Rectifier

Back Button PCDC1008-R215EMO Datasheet HTML 23Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 24Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 25Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 26Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 27Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 28Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 29Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 30Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 31Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
IR3447
27
www.irf.com
© 2013 International Rectifier
July 17, 2013
When the control FET turns on in the next cycle, the
capacitor node connected to SW rises to the bus
voltage Vin. However, if the value of C1 is
appropriately chosen, the voltage Vc across C1
remains approximately unchanged and the voltage at
the Boot pin becomes:
D
cc
in
Boot
V
V
V
V
(15)
Figure 24: Bootstrap circuit to generate Vc voltage
A bootstrap capacitor of value 0.1uF is suitable for
most applications.
Input Capacitor Selection
The ripple currents generated during the on time of
the control FETs should be provided by the input
capacitor. The RMS value of this ripple for each
channel is expressed by:

D
D
I
I
o
RMS
1
(16)
in
o
V
V
D
(17)
Where:
D is the Duty Cycle
IRMS is the RMS value of the input capacitor
current.
Io is the output current.
Io=25A and D = 0.1, the IRMS = 7.5A.
Ceramic capacitors are recommended due to their
peak current capabilities. They also feature low ESR
and ESL at higher frequency which enables better
efficiency. For this application, it is advisable to have
7x22uF,
25V
ceramic
capacitors,
GRM31CR61E226KE15L from Murata. In addition to
these, although not mandatory, a 1x330uF, 25V SMD
capacitor EEV-FK1E331P from Panasonic may also
be used as a bulk capacitor and is recommended if
the input power supply is not located close to the
converter.
Inductor Selection
Inductors are selected based on output power,
operating frequency and efficiency requirements. A
low inductor value causes large ripple current,
resulting in the smaller size, faster response to a load
transient but may also result in reduced efficiency and
high output noise. Generally, the selection of the
inductor value can be reduced to the desired
maximum ripple current in the inductor (∆i). The
optimum point is usually found between 20% and 50%
ripple of the output current. For the buck converter,
the inductor value for the desired operating ripple
current can be determined using the following relation:
s
o
in
F
D
t
t
i
L
V
V
1
;

s
in
o
o
in
F
i
V
V
V
V
L
(18)
Where:
Vin = Maximum input voltage
V0 = Output Voltage
∆i
= Inductor Ripple Current
Fs
= Switching Frequency
∆t
= On time for Control FET
D
= Duty Cycle
If ∆i ≈ 30%*Io, then the inductor is calculated to be
0.24μH. Select L=0.215μH, PCDC1008-R215EMO,
from Cyntec which provides an inductor suitable for
this application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com