Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCDC1008-R215EMO Datasheet(PDF) 24 Page - International Rectifier

Part # PCDC1008-R215EMO
Description  25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCDC1008-R215EMO Datasheet(HTML) 24 Page - International Rectifier

Back Button PCDC1008-R215EMO Datasheet HTML 20Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 21Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 22Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 23Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 24Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 25Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 26Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 27Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 28Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
IR3447
24
www.irf.com
© 2013 International Rectifier
July 17, 2013
respectively. PGood signal is high whenever Vsns
voltage is within the PGood comparator window
thresholds. Hysteresis has been applied to the lower
threshold, PGood signal goes low when Vsns drops
below VPG_low(lower) instead of VPG_high(lower).
The PGood pin is open drain and it needs to be
externally pulled high. High state indicates that output
is in regulation. Figure 19 show the timing diagram of
the PGood signal. Vsns signal is also used by OVP
comparator
for
detecting
output
over
voltage
condition. PGood signal is low when Enable is low.
Figure 19: PGood Timing Diagram
OVER-VOLTAGE PROTECTION (OVP)
Over-voltage protection in IR3447 is achieved by
comparing sense pin voltage Vsns to a pre-set
threshold. When Vsns exceeds the over voltage
threshold, an over voltage trip signal asserts after 2.5
uS (typ.) delay. The high side drive signal HDrv is
latched off immediately and PGood flags are set low.
The low side drive signal is kept on until the Vsns
voltage drops below the threshold.
HDrv remains
latched off until a reset is performed by cycling VCC.
OVP is active when enable is high or low.
Vsns voltage is set by the voltage divider connected to
the output and it can be programmed externally.
Figure 20 shows the timing diagram for OVP.
Figure 20: Timing Diagram for OVP in non-tracking
mode
BODY BRAKING
TM
The Body Braking feature of the IR3447 allows
improved transient response for step-down load
transients. A severe step-down load transient would
cause an overshoot in the output voltage and drive the
Comp pin voltage down until control saturation occurs
demanding 0% duty cycle and the PWM input to the
Control FET driver is kept OFF. When the first such
skipped pulse occurs, the IR3447 enters Body Braking
mode, wherein the Sync FET also turned OFF. The
inductor current then decays by freewheeling through
the body diode of the Sync FET. Thus, with Body
Braking, the forward voltage drop of the body diode
provides and additional voltage to discharge the
inductor current faster to the light load value as shown
in equation (3) and equation (4) below:
L
V
V
dt
di
D
o
L
, with body braking
(3)
L
V
dt
di
o
L
, without body braking
(4)
IL
= Inductor current
VD
= Forward voltage drop of the body diode of
the Sync FET.
Vo
= output voltage
L
= Inductor value
The Body Braking mechanism is kept OFF during pre-
bias operation. Also, in the event of an extremely
severe load step-down transient causing OVP, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com