Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCDC1008-R215EMO Datasheet(PDF) 8 Page - International Rectifier

Part # PCDC1008-R215EMO
Description  25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCDC1008-R215EMO Datasheet(HTML) 8 Page - International Rectifier

Back Button PCDC1008-R215EMO Datasheet HTML 4Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 5Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 6Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 7Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 8Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 9Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 10Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 11Page - International Rectifier PCDC1008-R215EMO Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
IR3447
8
www.irf.com
© 2013 International Rectifier
July 17, 2013
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Output Voltage
Vmax(E/A)
1.7
2
2.3
V
Minimum Output Voltage
Vmin(E/A)
100
mV
Common Mode Voltage
Vcm_Vp
Note 4
0
1.2
V
Remote Sense Differential Amplifier
Unity Gain Bandwidth
BW_RS
Note 4
3
6.4
9
MHz
DC Gain
Gain_RS
Note 4
110
dB
Offset Voltage
Offset_RS
VREF=0.6V,
0°C < Tj < 85°C
-1.5
0
1.5
mV
VREF=0.6V,
-40°C < Tj < 125°C
-2
2
mV
Source Current
Isource_RS
3
13
20
mA
Sink Current
Isink_RS
0.4
1
2
mA
Slew Rate
Slew_RS
Note 4, Cload = 100pF
2
4
8
V / µs
RS+ input impedance
Rin_RS+
45
63
85
kohm
RS- input impedance
Rin_RS-
Note 4
63
kohm
Maximum Voltage
Vmax_RS
V(VCC) – V(RSo)
0.5
1
1.5
V
Minimum Voltage
Min_RS
50
mV
Internal Digital Soft Start
Soft Start Clock
Clk_SS
Note 4
180
200
220
kHz
Soft Start Ramp Rate
Ramp(SS_Start)
Note 4
0.3
0.4
0.5
mV /
µs
Bootstrap Diode
Forward Voltage
I(Boot) = 30mA
360
520
960
mV
Switch Node
SW Leakage Current
lsw
SW = 0V, Enable = 0V
1
µA
Internal Regulator (VCC/LDO)
Output Voltage
VCC
Vin(min) = 7.2V, Io=0-
30mA, Cload = 2.2uF,
DCM=0
6.3
6.8
7.1
V
Vin(min) = 7.2V, Io=0-
30mA, Cload = 2.2uF,
DCM=1
4
4.4
4.8
VCC dropout
VCC_drop
Vin = 7V, Io=70 mA,
Cload = 2.2uF
0.7
V
Short Circuit Current
Ishort
Note 4
70
mA
Zero-crossing Comparator
Delay
Tdly_zc
256 /
Fs
s
Zero-crossing Comparator
Offset
Vos_zc
Note 4
0
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com