Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0 Datasheet(PDF) 53 Page - STMicroelectronics

Part # LSM9DS0
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button LSM9DS0 Datasheet HTML 49Page - STMicroelectronics LSM9DS0 Datasheet HTML 50Page - STMicroelectronics LSM9DS0 Datasheet HTML 51Page - STMicroelectronics LSM9DS0 Datasheet HTML 52Page - STMicroelectronics LSM9DS0 Datasheet HTML 53Page - STMicroelectronics LSM9DS0 Datasheet HTML 54Page - STMicroelectronics LSM9DS0 Datasheet HTML 55Page - STMicroelectronics LSM9DS0 Datasheet HTML 56Page - STMicroelectronics LSM9DS0 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
DocID024763 Rev 2
53/74
LSM9DS0
Register description
74
8.27
OUT_Z_L_M (0Ch), OUT_Z_H_M (0Dh)
Z-axis magnetic data.
The value is expressed in 16-bit as two’s complement left justified.
8.28
WHO_AM_I_XM (0Fh)
Device identification register.
8.29
INT_CTRL_REG_M (12h)
Table 63. WHO_AM_I_XM register
01
0
0
1
0
0
1
Table 64. INT_CTRL_REG_M register
XMIEN
YMIEN
ZMIEN
PP_OD
IEA
IEL
4D
MIEN
Table 65. INT_CTRL_REG_M description
XMIEN
Enable interrupt recognition on X-axis for magnetic data. Default value: 0.
(0: disable interrupt recognition;1: enable interrupt recognition)
YMIEN
Enable interrupt recognition on Y-axis for magnetic data. Default value: 0.
(0: disable interrupt recognition;1: enable interrupt recognition)
ZMIEN
Enable interrupt recognition on Z-axis for magnetic data. Default value: 0.
(0: disable interrupt recognition;1: enable interrupt recognition)
PP_OD Interrupt pin configuration. Default value: 0.
(0: push-pull; 1: open drain)
IEA
Interrupt polarity for both accelerometer and magnetometer. Default value: 0.
(0: interrupt active-low; 1: interrupt active-high)
IEL
Latch interrupt request on accelerometer INT_GEN_1_SRC (31h) and INT_GEN_2_SRC
(35h) registers, and magnetometer INT_SRC_REG_M (13h) register. Default value: 0.
(0: interrupt request not latched; 1: interrupt request latched)
Once the IEL is set to ‘1’ the interrupt is cleared by reading for the accelerometer the
INT_GEN_1_SRC (31h) and INT_GEN_2_SRC (35h) registers, and for the magnetome-
ter the INT_SRC_REG_M (13h) register.
4D
4D enable: 4D detection on acceleration data is enabled when 6D bit in
INT_GEN_1_REG (30h) is set to 1.
MIEN
Enable interrupt generation for magnetic data. Default value: 0.
(0: disable interrupt generation;1: enable interrupt generation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com