Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0 Datasheet(PDF) 41 Page - STMicroelectronics

Part # LSM9DS0
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LSM9DS0 Datasheet HTML 37Page - STMicroelectronics LSM9DS0 Datasheet HTML 38Page - STMicroelectronics LSM9DS0 Datasheet HTML 39Page - STMicroelectronics LSM9DS0 Datasheet HTML 40Page - STMicroelectronics LSM9DS0 Datasheet HTML 41Page - STMicroelectronics LSM9DS0 Datasheet HTML 42Page - STMicroelectronics LSM9DS0 Datasheet HTML 43Page - STMicroelectronics LSM9DS0 Datasheet HTML 44Page - STMicroelectronics LSM9DS0 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 74 page
background image
DocID024763 Rev 2
41/74
LSM9DS0
Register description
74
8
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
angular rate data. The register address, consisting of 7 bits, is used to identify them and to
write the data through the serial interface.
8.1
WHO_AM_I_G (0Fh)
Device identification register.
8.2
CTRL_REG1_G (20h)
DR[1:0] is used for ODR selection. BW [1:0] is used for Bandwidth selection.
In Table 21 all frequencies resulting in combinations of DR / BW bits are given.
Table 18. WHO_AM_I_G register
11010100
Table 19. CTRL_REG1_G register
DR1
DR0
BW1
BW0
PD
Zen
Xen
Yen
Table 20. CTRL_REG1_G description
DR1-DR0
Output data rate selection. Refer to Table 21
BW1-BW0
Bandwidth selection. Refer to Table 21
PD
Power-down mode enable. Default value: 0
(0: power-down mode, 1: normal mode or sleep mode)
Zen
Z-axis enable. Default value: 1
(0: Z-axis disabled; 1: Z-axis enabled)
Yen
Y-axis enable. Default value: 1
(0: Y-axis disabled; 1: Y-axis enabled)
Xen
X-axis enable. Default value: 1
(0: X-axis disabled; 1: X-axis enabled)
Table 21. DR and BW configuration setting
DR [1:0]
BW [1:0]
ODR (Hz)
Cutoff
00
00
95
12.5
00
01
95
25
00
10
95
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com