Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0 Datasheet(PDF) 62 Page - STMicroelectronics

Part # LSM9DS0
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button LSM9DS0 Datasheet HTML 58Page - STMicroelectronics LSM9DS0 Datasheet HTML 59Page - STMicroelectronics LSM9DS0 Datasheet HTML 60Page - STMicroelectronics LSM9DS0 Datasheet HTML 61Page - STMicroelectronics LSM9DS0 Datasheet HTML 62Page - STMicroelectronics LSM9DS0 Datasheet HTML 63Page - STMicroelectronics LSM9DS0 Datasheet HTML 64Page - STMicroelectronics LSM9DS0 Datasheet HTML 65Page - STMicroelectronics LSM9DS0 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 74 page
background image
Register description
LSM9DS0
62/74
DocID024763 Rev 2
8.48
OUT_Y_L_A (2Ah), OUT_Y_H_A (2Bh)
Y-axis acceleration data.
The value is expressed in 16-bit as two’s complement left justified.
8.49
OUT_Z_L_A (2Ch), OUT_Z_H_A (2Dh)
Z-axis acceleration data.
The value is expressed in 16-bit as two’s complement left justified.
8.50
FIFO_CTRL_REG (2Eh)
Interrupt generator 2 can change the FIFO mode.
8.51
FIFO_SRC_REG (2Fh)
Table 94. FIFO_CTRL_REG register
FM2
FM1
FM0
FTH4
FTH3
FTH2
FTH1
FTH0
Table 95. FIFO_CTRL_REG description
FM2-FM0
FIFO mode selection. Default value: 000
FTH4-FTH0
FIFO watermark level. Default value: 00000
Table 96. FIFO mode configuration
FM2
FM1
FM0
FIFO mode
0
0
0
Bypass mode
0
0
1
FIFO mode
0
1
0
Stream mode
0
1
1
Stream-to-FIFO mode
1
0
0
Bypass-to-Stream mode
Table 97. FIFO_SRC_REG register
WTM
OVRN
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0
Table 98. FIFO_SRC_REG description
WTM
Watermark status.
WTM bit is set to ‘1’ when FIFO content exceeds watermark level.
OVRN
FIFO Overrun status.
OVRN bit is set to ‘1’ when FIFO buffer is full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com