Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0 Datasheet(PDF) 24 Page - STMicroelectronics

Part # LSM9DS0
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LSM9DS0 Datasheet HTML 20Page - STMicroelectronics LSM9DS0 Datasheet HTML 21Page - STMicroelectronics LSM9DS0 Datasheet HTML 22Page - STMicroelectronics LSM9DS0 Datasheet HTML 23Page - STMicroelectronics LSM9DS0 Datasheet HTML 24Page - STMicroelectronics LSM9DS0 Datasheet HTML 25Page - STMicroelectronics LSM9DS0 Datasheet HTML 26Page - STMicroelectronics LSM9DS0 Datasheet HTML 27Page - STMicroelectronics LSM9DS0 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
Functionality
LSM9DS0
24/74
DocID024763 Rev 2
4.3
Gyroscope digital main blocks
Figure 5. Gyroscope block diagram
4.3.1
FIFO
The LSM9DS0 embeds 32 slots of 16-bit data FIFO for each of the three output channels:
yaw, pitch and roll. This allows consistent power saving for the system, since the host
processor does not need to continuously poll data from the sensor, but can wake up only
when needed and burst the significant data out from the FIFO. This buffer can work
accordingly in five different modes: Bypass mode, FIFO mode, Stream mode, Bypass-to-
Stream mode and Stream-to-FIFO mode. Each mode is selected by the FIFO_MODE bits in
FIFO_CTRL_REG_G (2Eh). A programmable watermark level, FIFO_Empty or FIFO_Full
events can be enabled to generate dedicated interrupts on the DRDY_G pin (configured
through CTRL_REG3_G (22h) and event detection information is available in
FIFO_SRC_REG_G (2Fh). The watermark level can be configured to WTM4:0 in
FIFO_CTRL_REG_G (2Eh).
4.3.2
Bypass mode
In Bypass mode, the FIFO is not operational and for this reason it remains empty. As
described in Figure 6, for each channel only the first address is used. The remaining FIFO
slots are empty. When new data is available, the old data is overwritten.
ADC
LPF1
HPF
0
1
HPen
LPF2
11
10
01
00
Out_Sel
DataReg
FIFO
32x16x3
00
11
10
01
Interrupt
generator
INT1_Sel
I2C
INT
SCR REG
CONF REG
GAMS250320131444FSR
SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com