Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0 Datasheet(PDF) 40 Page - STMicroelectronics

Part # LSM9DS0
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LSM9DS0 Datasheet HTML 36Page - STMicroelectronics LSM9DS0 Datasheet HTML 37Page - STMicroelectronics LSM9DS0 Datasheet HTML 38Page - STMicroelectronics LSM9DS0 Datasheet HTML 39Page - STMicroelectronics LSM9DS0 Datasheet HTML 40Page - STMicroelectronics LSM9DS0 Datasheet HTML 41Page - STMicroelectronics LSM9DS0 Datasheet HTML 42Page - STMicroelectronics LSM9DS0 Datasheet HTML 43Page - STMicroelectronics LSM9DS0 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
Register mapping
LSM9DS0
40/74
DocID024763 Rev 2
Registers marked as Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory-calibrated values. Their content is automatically restored when the device is
powered up.
STATUS_REG_A
Table 15
r
27
010 0111
output
OUT_X_L_A
Table 15
r
28
010 1000
output
OUT_X_H_A
Table 15
r
29
010 1001
output
OUT_Y_L_A
Table 15
r
2A
010 1010
output
OUT_Y_H_A
Table 15
r
2B
010 1011
output
OUT_Z_L_A
Table 15
r
2C
010 1100
output
OUT_Z_H_A
Table 15
r
2D
010 1101
output
FIFO_CTRL_REG
Table 15
rw
2E
010 1110
00000000
FIFO_SRC_REG
Table 15
r
2F
010 1111
output
INT_GEN_1_REG
Table 15
rw
30
011 0000
00000000
INT_GEN_1_SRC
Table 15
r
31
011 0001
output
INT_GEN_1_THS
Table 15
rw
32
011 0010
00000000
INT_GEN_1_DURATION
Table 15
rw
33
011 0011
00000000
INT_GEN_2_REG
Table 15
rw
34
011 0100
00000000
INT_GEN_2_SRC
Table 15
r
35
011 0101
output
INT_GEN_2_THS
Table 15
rw
36
011 0110
00000000
INT_GEN_2_DURATION
Table 15
rw
37
011 0111
00000000
CLICK_CFG
Table 15
rw
38
011 1000
00000000
CLICK_SRC
Table 15
r
39
011 1001
output
CLICK_THS
Table 15
rw
3A
011 1010
00000000
TIME_LIMIT
Table 15
rw
3B
011 1011
00000000
TIME _LATENCY
Table 15
rw
3C
011 1100
00000000
TIME_WINDOW
Table 15
rw
3D
011 1101
00000000
Act_THS
Table 15
rw
3E
011 1110
00000000
Act_DUR
Table 15
rw
3F
011 1111
00000000
Table 17. Register address map (continued)
Name
Slave
Address
Type
Register address
Default
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com