Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LSM9DS0
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LSM9DS0 Datasheet HTML 10Page - STMicroelectronics LSM9DS0 Datasheet HTML 11Page - STMicroelectronics LSM9DS0 Datasheet HTML 12Page - STMicroelectronics LSM9DS0 Datasheet HTML 13Page - STMicroelectronics LSM9DS0 Datasheet HTML 14Page - STMicroelectronics LSM9DS0 Datasheet HTML 15Page - STMicroelectronics LSM9DS0 Datasheet HTML 16Page - STMicroelectronics LSM9DS0 Datasheet HTML 17Page - STMicroelectronics LSM9DS0 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
Module specifications
LSM9DS0
14/74
DocID024763 Rev 2
G_SoDr
Angular rate sensitivity
change vs. temperature
From -40 °C to +85 °C
±2
%
LA_TyOff
Linear acceleration typical
zero-g level offset
accuracy(3)(4)
±60
mg
G_TyOff
Angular rate
typical zero-rate level
FS = 245 dps
±10
dps
FS = 500 dps
±15
FS = 2000 dps
±25
LA_TCOff
Linear acceleration zero-g
level change vs. temperature
Max delta from 25 °C
±0.5
mg/°C
G_TCOff
Zero-rate level change vs.
temperature
±0.05
dps/°C
M_EF
Maximum exposed field
No perming effect on zero
reading
10000
gauss
M_DF
Magnetic disturbing field
Sensitivity starts to degrade.
Automatic S/R pulse restores
the sensitivity(5)
20
gauss
LA_ST
Linear acceleration self-test
positive difference (6)(7)
±2 g range, X, Y, Z-axis
AST1:0 = 01 see Table 74
60
1700
mg
G_ST
Angular rate self-test output
change (8)(9)
FS = 245 dps
20
250
dps
FS = 500 dps
70
400
FS = 2000 dps
150
1000
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed
2. Verified by wafer level test and measurement of initial offset and sensitivity
3. Typical zero-g level offset value after MSL3 preconditioning
4. Offset can be eliminated by enabling the built-in high-pass filter
5. Set / Reset Pulse is automatically applied at each conversion cycle
6. “Self-test output change” is defined as: OUTPUT[mg](CTRL_REG2_XM (21h) AST1:0 enabled) - OUTPUT[mg](CTRL_REG2_XM
(21h) AST1:0 disabled)
7. For polarity refer to Table 77: Self-test mode configuration
8. “Self-test output change” is defined as: OUTPUT[mg](CTRL_REG4_G (23h) ST1:0 enabled) - OUTPUT[mg](CTRL_REG4_G (23h)
ST1:0 disabled)
9. For polarity refer to Table 31: Self-test mode configuration
Table 3. Sensor characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com