Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LSM9DS0
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LSM9DS0 Datasheet HTML 12Page - STMicroelectronics LSM9DS0 Datasheet HTML 13Page - STMicroelectronics LSM9DS0 Datasheet HTML 14Page - STMicroelectronics LSM9DS0 Datasheet HTML 15Page - STMicroelectronics LSM9DS0 Datasheet HTML 16Page - STMicroelectronics LSM9DS0 Datasheet HTML 17Page - STMicroelectronics LSM9DS0 Datasheet HTML 18Page - STMicroelectronics LSM9DS0 Datasheet HTML 19Page - STMicroelectronics LSM9DS0 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
Module specifications
LSM9DS0
16/74
DocID024763 Rev 2
2.3
Electrical characteristics
@ Vdd = 3.0V, T = 25 °C unless otherwise noted(b)
b. LSM9DS0 is factory calibrated at 3.0 V
Table 5. Electrical characteristics
Symbol
Parameter
Test
conditions
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
2.4
3.6
V
Vdd_IO
Module power supply for I/O
1.71
1.8
Vdd+0.1
Idd_XM
Current consumption of the
accelerometer and magnetic sensor
in normal mode (2)
HR setting
CTRL_REG5
_XM (M_RES
[1,0]) = 11b,
see
CTRL_REG5
_XM (24h)
350
μA
Idd_G
Gyroscope current consumption in
normal mode(3)
6.1
mA
Idd_G_LP
Gyroscope supply current
in sleep mode(4)
2mA
Idd_Pdn
Current consumption in power-down
mode(5)
6
μA
VIH
Digital high-level input voltage
0.8*Vdd_IO
V
VIL
Digital low-level input voltage
0.2*Vdd_IO
V
VOH
High-level output voltage
0.9*Vdd_IO
V
VOL
Low-level output voltage
0.1*Vdd_IO
V
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed
2. Magnetic sensor setting ODR =6.25 Hz, Accelerometer sensor ODR =50 Hz, gyroscope in power-down mode
3. Accelerometer and magnetic sensor in power-down mode
4. Sleep mode introduces a faster turn-on time compared to power-down mode. Accelerometer and magnetic sensor in
power-down mode.
5. Linear accelerometer, magnetic sensor and gyroscope in power-down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com