Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0 Datasheet(PDF) 13 Page - STMicroelectronics

Part # LSM9DS0
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LSM9DS0 Datasheet HTML 9Page - STMicroelectronics LSM9DS0 Datasheet HTML 10Page - STMicroelectronics LSM9DS0 Datasheet HTML 11Page - STMicroelectronics LSM9DS0 Datasheet HTML 12Page - STMicroelectronics LSM9DS0 Datasheet HTML 13Page - STMicroelectronics LSM9DS0 Datasheet HTML 14Page - STMicroelectronics LSM9DS0 Datasheet HTML 15Page - STMicroelectronics LSM9DS0 Datasheet HTML 16Page - STMicroelectronics LSM9DS0 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
DocID024763 Rev 2
13/74
LSM9DS0
Module specifications
74
2
Module specifications
2.1
Sensor characteristics
@ Vdd = 3.0 V, T = 25 °C unless otherwise noted(a)
a. The product is factory calibrated at 3.0 V. The operational power supply range is from 2.4 V to 3.6 V.
Table 3. Sensor characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
LA_FS
Linear acceleration
measurement range(2)
±2
g
±4
±6
±8
±16
M_FS
Magnetic
measurement range
±2
gauss
±4
±8
±12
G_FS
Angular rate
measurement range
±245
dps
±500
±2000
LA_So
Linear acceleration sensitivity
Linear acceleration FS = ±2 g
0.061
mg/LSB
Linear acceleration FS = ±4 g
0.122
Linear acceleration FS = ±6 g
0.183
Linear acceleration FS = ±8 g
0.244
Linear acceleration FS = ±16 g
0.732
M_GN
Magnetic sensitivity
Magnetic FS = ±2 gauss
0.08
mgauss/
LSB
Magnetic FS = ±4 gauss
0.16
Magnetic FS = ±8 gauss
0.32
Magnetic FS = ±12 gauss
0.48
G_So
Angular rate sensitivity
Angular rate FS = ±245 dps
8.75
mdps/
digit
Angular rate FS = ±500 dps
17.50
Angular rate FS = ±2000 dps
70
LA_TCSo
Linear acceleration sensitivity
change vs. temperature
From -40 °C to +85 °C
±1.5
%
M_TCSo
Magnetic sensitivity change
vs. temperature
From -40 °C to +85 °C
±3
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com