Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LSM9DS0
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LSM9DS0 Datasheet HTML 8Page - STMicroelectronics LSM9DS0 Datasheet HTML 9Page - STMicroelectronics LSM9DS0 Datasheet HTML 10Page - STMicroelectronics LSM9DS0 Datasheet HTML 11Page - STMicroelectronics LSM9DS0 Datasheet HTML 12Page - STMicroelectronics LSM9DS0 Datasheet HTML 13Page - STMicroelectronics LSM9DS0 Datasheet HTML 14Page - STMicroelectronics LSM9DS0 Datasheet HTML 15Page - STMicroelectronics LSM9DS0 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
Block diagram and pin description
LSM9DS0
12/74
DocID024763 Rev 2
Table 2. Pin description
Pin#
Name
Function
1
Reserved
Leave unconnected
2
Reserved
Connect to GND
3
Reserved
Connect to GND
4
Reserved
Connect to GND
5
GND
0 V supply
6
GND
0 V supply
7
C1_XM
Capacitor connection (C1)
8
SETC_XM
S/R capacitor connection (C2)
9
SETP_XM
S/R capacitor connection (C2)
10
DEN_G
Gyroscope data enable
11
INT_G
Gyroscope programmable interrupt
12
DRDY_G
Gyroscope data ready
13
INT1_XM
Accelerometer and magnetic sensor interrupt 1
14
INT2_XM
Accelerometer and magnetic sensor interrupt 2
15
Vdd
Power supply
16
Vdd
Power supply
17
Vdd
Power supply
18
Vdd_IO
Power supply for I/O pins
19
CS_G
Gyroscope I2C/SPI mode selection
1: SPI idle mode / I2C communication enabled
0: SPI communication mode / I2C disabled
20
CS_XM
Accelerometer and magnetic sensor SPI enabled
I2C/SPI mode selection
1: SPI idle mode / I2C communication enabled
0: SPI communication mode / I2C disabled
21
SCL
SPC
I2C serial clock (SCL)
SPI serial port clock (SPC)
22
SDO_G
SA0_G
Gyroscope serial data output (SDO)
Angular rate sensor I2C less significant bit of the device address
(SA0)
23
SDO_XM
SA0_XM
Accelerometer and magnetic sensor SPI serial data output (SDO)
Accelerometer and magnetic sensor I2C less significant bit of the
device address (SA0)
24
SDA
I2C serial data (SDA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com