Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0 Datasheet(PDF) 61 Page - STMicroelectronics

Part # LSM9DS0
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button LSM9DS0 Datasheet HTML 57Page - STMicroelectronics LSM9DS0 Datasheet HTML 58Page - STMicroelectronics LSM9DS0 Datasheet HTML 59Page - STMicroelectronics LSM9DS0 Datasheet HTML 60Page - STMicroelectronics LSM9DS0 Datasheet HTML 61Page - STMicroelectronics LSM9DS0 Datasheet HTML 62Page - STMicroelectronics LSM9DS0 Datasheet HTML 63Page - STMicroelectronics LSM9DS0 Datasheet HTML 64Page - STMicroelectronics LSM9DS0 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 74 page
background image
DocID024763 Rev 2
61/74
LSM9DS0
Register description
74
8.46
STATUS_REG_A (27h)
8.47
OUT_X_L_A (28h), OUT_X_H_A (29h)
X-axis acceleration data.
The value is expressed in 16 bit as two’s complement left justified.
Table 91. Magnetic sensor mode selection
MD1-0
MD1-0
Magnetic sensor mode
0
0
Continuous-conversion mode
0
1
Single-conversion mode
1
0
Power-down mode
1
1
Power-down mode
Table 92. STATUS_REG_A register
ZYXAOR
ZAOR
YAOR
XAOR
ZYXADA
ZADA
YADA
XADA
Table 93. STATUS_REG_A description
ZYXAOR Acceleration X-, Y- and Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new set of data has overwritten the previous one)
ZAOR
Acceleration Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new set of data for the Z-axis has overwritten the pre-
vious one)
YAOR
Acceleration Y-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new set of data for the Y-axis has overwritten the pre-
vious one)
XAOR
Acceleration X-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new set of data for the X-axis has overwritten the pre-
vious one)
ZYXADA Acceleration X-, Y- and Z-axis new value available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)
ZADA
Acceleration Z-axis new value available. Default value: 0
(0: a new set of data for the Z-axis is not yet available; 1: a new set of data for the Z-axis
is available)
YADA
Acceleration Y-axis new value available. Default value: 0
(0: a new set of data for the Y-axis is not yet available; 1: a new set of data for the Y-axis
is available)
XADA
Acceleration X-axis new value available. Default value: 0
(0: a new set of data for the X-axis is not yet available; 1: a new set of data for the X-
axis is available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com