Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0 Datasheet(PDF) 39 Page - STMicroelectronics

Part # LSM9DS0
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LSM9DS0 Datasheet HTML 35Page - STMicroelectronics LSM9DS0 Datasheet HTML 36Page - STMicroelectronics LSM9DS0 Datasheet HTML 37Page - STMicroelectronics LSM9DS0 Datasheet HTML 38Page - STMicroelectronics LSM9DS0 Datasheet HTML 39Page - STMicroelectronics LSM9DS0 Datasheet HTML 40Page - STMicroelectronics LSM9DS0 Datasheet HTML 41Page - STMicroelectronics LSM9DS0 Datasheet HTML 42Page - STMicroelectronics LSM9DS0 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
DocID024763 Rev 2
39/74
LSM9DS0
Register mapping
74
OUT_TEMP_L_XM
Table 15
r
05
000 0101
output
OUT_TEMP_H_XM
Table 15
r
06
000 0110
output
STATUS_REG_M
Table 15
r
07
000 0111
output
OUT_X_L_M
Table 15
r
08
000 1000
output
OUT_X_H_M
Table 15
r
09
000 1001
output
OUT_Y_L_M
Table 15
r
0A
000 1010
output
OUT_Y_H_M
Table 15
r
0B
000 1011
output
OUT_Z_L_M
Table 15
r
0C
000 1100
output
OUT_Z_H_M
Table 15
r
0D
000 1101
output
Reserved
Table 15
--
0E
000 1110
--
WHO_AM_I_XM
Table 15
r
0F
000 1111
01001001
Reserved
Table 15
--
10-11
--
--
INT_CTRL_REG_M
Table 15
rw
12
001 0010
11101000
INT_SRC_REG_M
Table 15
r
13
001 0011
output
INT_THS_L_M
Table 15
rw
14
001 0100
00000000
INT_THS_H_M
Table 15
rw
15
001 0101
00000000
OFFSET_X_L_M
Table 15
rw
16
001 0110
00000000
OFFSET_X_H_M
Table 15
rw
17
001 0111
00000000
OFFSET_Y_L_M
Table 15
rw
18
001 01000
00000000
OFFSET_Y_H_M
Table 15
rw
19
001 01001
00000000
OFFSET_Z_L_M
Table 15
rw
1A
001 01010
00000000
OFFSET_Z_H_M
Table 15
rw
1B
001 01011
00000000
REFERENCE_X
Table 15
rw
1C
001 01100
00000000
REFERENCE_Y
Table 15
rw
1D
001 01101
00000000
REFERENCE_Z
Table 15
rw
1E
001 01110
00000000
CTRL_REG0_XM
Table 15
rw
1F
001 1111
00000000
CTRL_REG1_XM
Table 15
rw
20
010 0000
00000111
CTRL_REG2_XM
Table 15
rw
21
010 0001
00000000
CTRL_REG3_XM
Table 15
rw
22
010 0010
00000000
CTRL_REG4_XM
Table 15
rw
23
010 0011
00000000
CTRL_REG5_XM
Table 15
rw
24
010 0100
00011000
CTRL_REG6_XM
Table 15
rw
25
010 0101
00100000
CTRL_REG7_XM
Table 15
rw
26
010 0110
00000001
Table 17. Register address map (continued)
Name
Slave
Address
Type
Register address
Default
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com