Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0 Datasheet(PDF) 42 Page - STMicroelectronics

Part # LSM9DS0
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LSM9DS0 Datasheet HTML 38Page - STMicroelectronics LSM9DS0 Datasheet HTML 39Page - STMicroelectronics LSM9DS0 Datasheet HTML 40Page - STMicroelectronics LSM9DS0 Datasheet HTML 41Page - STMicroelectronics LSM9DS0 Datasheet HTML 42Page - STMicroelectronics LSM9DS0 Datasheet HTML 43Page - STMicroelectronics LSM9DS0 Datasheet HTML 44Page - STMicroelectronics LSM9DS0 Datasheet HTML 45Page - STMicroelectronics LSM9DS0 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
Register description
LSM9DS0
42/74
DocID024763 Rev 2
A combination of PD, Zen, Yen, Xen is used to set device to different modes (power-down /
normal / sleep mode) in accordance with Table 22 below.
8.3
CTRL_REG2_G (21h)
00
11
95
25
01
00
190
12.5
01
01
190
25
01
10
190
50
01
11
190
70
10
00
380
20
10
01
380
25
10
10
380
50
10
11
380
100
11
00
760
30
11
01
760
35
11
10
760
50
11
11
760
100
Table 22. Power mode selection configuration
Mode
PD
Zen
Yen
Xen
Power-down
0
-
-
-
Sleep
1
0
0
0
Normal
1
-
-
-
Table 21. DR and BW configuration setting (continued)
DR [1:0]
BW [1:0]
ODR (Hz)
Cutoff
Table 23. CTRL_REG2_G register
0(1)
1. These bits must be set to ‘0’ to ensure proper operation of the device
0(1)
HPM1
HPM1
HPCF3
HPCF2
HPCF1
HPCF0
Table 24. CTRL_REG2_G description
HPM1-
HPM0
High-pass filter mode selection. Default value: 00
Refer to Table 25
HPCF3-
HPCF0
High-pass filter cutoff frequency selection
Refer to Table 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com