Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0 Datasheet(PDF) 27 Page - STMicroelectronics

Part # LSM9DS0
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LSM9DS0 Datasheet HTML 23Page - STMicroelectronics LSM9DS0 Datasheet HTML 24Page - STMicroelectronics LSM9DS0 Datasheet HTML 25Page - STMicroelectronics LSM9DS0 Datasheet HTML 26Page - STMicroelectronics LSM9DS0 Datasheet HTML 27Page - STMicroelectronics LSM9DS0 Datasheet HTML 28Page - STMicroelectronics LSM9DS0 Datasheet HTML 29Page - STMicroelectronics LSM9DS0 Datasheet HTML 30Page - STMicroelectronics LSM9DS0 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 74 page
background image
DocID024763 Rev 2
27/74
LSM9DS0
Functionality
74
4.3.5
Bypass-to-stream mode
In Bypass-to-stream mode, the FIFO starts operating in Bypass mode and once a trigger
event occurs (related to INT1_CFG_G (30h) events) the FIFO starts operating in Stream
mode. Refer to Figure 9 below.
Figure 9. Bypass-to-stream mode
4.3.6
Stream-to-FIFO mode
In Stream-to-FIFO mode, data from the yaw, pitch and roll measurement is stored in the
FIFO. A watermark interrupt can be enabled on pin DRDY_G by setting the I2_WTM bit in
CTRL_REG3_G (22h) to be raised when the FIFO is filled to the level specified in the
WTM4:0 bits of FIFO_CTRL_REG_G (2Eh). The FIFO continues filling until it is full (32 slots
of 16-bit data for yaw, pitch and roll). When full, the FIFO discards the older data as the new
data arrives. Once a trigger event occurs (related to INT1_CFG_G (30h) events), the FIFO
starts operating in FIFO mode. Refer to Figure 10.
Figure 10. Stream-to-FIFO mode
x0
y
z0
y0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
Empty
Bypass mode
Stream mode
Trigger event
x0
y0
z0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
x30
y30
z30
AM07235v1
x0
y
z0
y0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
Stream Mode
FIFO Mode
Trigger event
x0
y0
z0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
x30
y30
z30
AM07236v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com