Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0 Datasheet(PDF) 56 Page - STMicroelectronics

Part # LSM9DS0
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button LSM9DS0 Datasheet HTML 52Page - STMicroelectronics LSM9DS0 Datasheet HTML 53Page - STMicroelectronics LSM9DS0 Datasheet HTML 54Page - STMicroelectronics LSM9DS0 Datasheet HTML 55Page - STMicroelectronics LSM9DS0 Datasheet HTML 56Page - STMicroelectronics LSM9DS0 Datasheet HTML 57Page - STMicroelectronics LSM9DS0 Datasheet HTML 58Page - STMicroelectronics LSM9DS0 Datasheet HTML 59Page - STMicroelectronics LSM9DS0 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
Register description
LSM9DS0
56/74
DocID024763 Rev 2
AODR[3:0] is used to set the power mode and ODR selection. The following table indicates
all frequencies resulting from the combination of AODR[3:0].
8.40
CTRL_REG2_XM (21h)
Table 71. CTRL_REG1_XM description
AODR3-
AODR0
Acceleration data rate selection. Default value: 0000
(0000: power-down mode; others: refer to Table 72: Acceleration data rate configura-
tion)
BDU
Block data update for acceleration and magnetic data. Default value: 0
(0: continuous update; 1: output registers not updated until MSB and LSB have been
read)
AZEN
Acceleration Z-axis enable. Default value: 1
(0: Z-axis disabled; 1: Z-axis enabled)
AYEN
Acceleration Y-axis enable. Default value: 1
(0: Y-axis disabled; 1: Y-axis enabled)
AXEN
Acceleration X-axis enable. Default value: 1
(0: X-axis disabled; 1: X-axis enabled)
Table 72. Acceleration data rate configuration
AODR3
AODR2
AODR1
AODR0
Power mode selection
0
0
0
0
Power-down mode
0
0
0
1
3.125 Hz
0
0
1
0
6.25 Hz
0
0
1
1
12.5 Hz
0
1
0
0
25 Hz
0
1
0
1
50 Hz
0
1
1
0
100 Hz
0
1
1
1
200 Hz
1
0
0
0
400 Hz
1
0
0
1
800 Hz
1
0
1
0
1600 Hz
Table 73. CTRL_REG2_XM register
ABW1
ABW0
AFS2
AFS1
AFS0
AST1
AST0
SIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com