Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 138 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 138 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 134Page - Microchip Technology 18F8680 Datasheet HTML 135Page - Microchip Technology 18F8680 Datasheet HTML 136Page - Microchip Technology 18F8680 Datasheet HTML 137Page - Microchip Technology 18F8680 Datasheet HTML 138Page - Microchip Technology 18F8680 Datasheet HTML 139Page - Microchip Technology 18F8680 Datasheet HTML 140Page - Microchip Technology 18F8680 Datasheet HTML 141Page - Microchip Technology 18F8680 Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 136
 2004 Microchip Technology Inc.
10.5
PORTE, TRISE and LATE
Registers
PORTE is an 8-bit wide, bidirectional port. The corre-
sponding data direction register is TRISE. Setting a
TRISE bit (= 1) will make the corresponding PORTE
pin an input (i.e., put the corresponding output driver in
a high-impedance mode). Clearing a TRISE bit (= 0)
will make the corresponding PORTE pin an output (i.e.,
put the contents of the output latch on the selected pin).
Read-modify-write operations on the LATE register
read and write the latched output value for PORTE.
PORTE is an 8-bit port with Schmitt Trigger input
buffers. Each pin is individually configurable as an input
or output. PORTE is multiplexed with the Enhanced
CCP module (Table 10-9).
On PIC18F8X8X devices, PORTE is also multiplexed
with the system bus as the external memory interface;
the I/O bus is available only when the system bus is
disabled by setting the EBDIS bit in the MEMCON
register (MEMCON<7>). If the device is configured in
Microprocessor or Extended Microcontroller mode, then
the PORTE<7:0> becomes the high byte of the address/
data bus for the external program memory interface. In
Microcontroller mode, the PORTE<2:0> pins become the
control inputs for the Parallel Slave Port when bit
PSPMODE
(PSPCON<4>)
is
set.
(Refer
to
Section 4.1.1
“PIC18F8X8X
Program
Memory
Modes” for more information on program memory
modes.)
When the Parallel Slave Port is active, three PORTE
pins (RE0/RD/AD8, RE1/WR/AD9 and RE2/CS/AD10)
function as its control inputs. This automatically occurs
when the PSPMODE bit (PSPCON<4>) is set. Users
must also make certain that bits TRISE<2:0> are set to
configure the pins as digital inputs and the ADCON1
register is configured for digital I/O. The PORTE PSP
control functions are summarized in Table 10-9.
Pin RE7 can be configured as the alternate peripheral
pin for the CCP2 module when the device is operating
in Microcontroller mode. This is done by clearing the
configuration bit, CCP2MX, in configuration register,
CONFIG3H (CONFIG3H<0>).
EXAMPLE 10-5:
INITIALIZING PORTE
Note:
For PIC18F8X8X (80-pin) devices operat-
ing in other than Microcontroller mode,
PORTE defaults to the system bus on
Power-on Reset.
CLRF
PORTE
; Initialize PORTE by
; clearing output
; data latches
CLRF
LATE
; Alternate method
; to clear output
; data latches
MOVLW
03h
; Value used to
; initialize data
; direction
MOVWF
TRISE
; Set RE1:RE0 as inputs
; RE7:RE2 as outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com