Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 140 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 140 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 136Page - Microchip Technology 18F8680 Datasheet HTML 137Page - Microchip Technology 18F8680 Datasheet HTML 138Page - Microchip Technology 18F8680 Datasheet HTML 139Page - Microchip Technology 18F8680 Datasheet HTML 140Page - Microchip Technology 18F8680 Datasheet HTML 141Page - Microchip Technology 18F8680 Datasheet HTML 142Page - Microchip Technology 18F8680 Datasheet HTML 143Page - Microchip Technology 18F8680 Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 138
 2004 Microchip Technology Inc.
TABLE 10-9:
PORTE FUNCTIONS
TABLE 10-10: SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
Name
Bit#
Buffer Type
Function
RE0/RD/AD8(2)
bit 0
ST/TTL(1)
Input/output port pin, read control for Parallel Slave Port or
address/data bit 8.
For RD (PSP Control mode):
1
= Not a read operation
0
= Read operation, reads PORTD register (if chip selected)
RE1/WR/AD9(2)
bit 1
ST/TTL(1)
Input/output port pin, write control for Parallel Slave Port or
address/data bit 9.
For WR (PSP Control mode):
1
= Not a write operation
0
= Write operation, writes PORTD register (if chip selected)
RE2/CS/AD10(2)
bit 2
ST/TTL(1)
Input/output port pin, chip select control for Parallel Slave Port or
address/data bit 10.
For CS (PSP Control mode):
1
= Device is not selected
0
= Device is selected
RE3/AD11(2)
bit 3
ST/TTL(1)
Input/output port pin or address/data bit 11.
RE4/AD12(2)
bit 4
ST/TTL(1)
Input/output port pin or address/data bit 12.
RE5/AD13/(2)P1C(3)
bit 5
ST/TTL(1)
Input/output port pin, address/data bit 13 or ECCP1 PWM output C.
RE6/AD14/(2)P1B(3)
bit 6
ST/TTL(1)
Input/output port pin, address/data bit 13 or ECCP1 PWM output B.
RE7/CCP2/AD15(2)
bit 7
ST/TTL(1)
Input/output port pin, Capture 2 input/Compare 2 output/PWM output
(PIC18F8X20 devices in Microcontroller mode only) or
address/data bit 15.
Legend: ST = Schmitt Trigger input, TTL = TTL input
Note 1:
Input buffers are Schmitt Triggers when in I/O or CCP mode, and TTL buffers when in System Bus or PSP
Control mode.
2:
Available in PIC18F8X8X devices only.
3:
On PIC18F8X8X devices, these pins may be moved to RHY or RH6 by changing the ECCPMX
configuration bit.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
TRISE
PORTE Data Direction Control Register
1111 1111
1111 1111
PORTE
Read PORTE pin/Write PORTE Data Latch
xxxx xxxx
uuuu uuuu
LATE
Read PORTE Data Latch/Write PORTE Data Latch
xxxx xxxx
uuuu uuuu
MEMCON
EBDIS
—
WAIT1
WAIT0
—
—
WM1
WM0
0-00 --00
0000 --00
PSPCON
IBF
OBF
IBOV
PSPMODE
—
—
—
—
0000 ----
0000 ----
Legend: x = unknown, u = unchanged. Shaded cells are not used by PORTE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com