Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 144 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 144 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 140Page - Microchip Technology 18F8680 Datasheet HTML 141Page - Microchip Technology 18F8680 Datasheet HTML 142Page - Microchip Technology 18F8680 Datasheet HTML 143Page - Microchip Technology 18F8680 Datasheet HTML 144Page - Microchip Technology 18F8680 Datasheet HTML 145Page - Microchip Technology 18F8680 Datasheet HTML 146Page - Microchip Technology 18F8680 Datasheet HTML 147Page - Microchip Technology 18F8680 Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 142
 2004 Microchip Technology Inc.
10.7
PORTG, TRISG and LATG
Registers
PORTG is a 6-bit wide port with 5 bidirectional pins and
1 unidirectional pin. The corresponding data direction
register is TRISG. Setting a TRISG bit (= 1) will make
the corresponding PORTG pin an input (i.e., put the
corresponding output driver in a high-impedance
mode). Clearing a TRISG bit (= 0) will make the corre-
sponding PORTG pin an output (i.e., put the contents
of the output latch on the selected pin).
The Data Latch register (LATG) is also memory mapped.
Read-modify-write operations on the LATG register read
and write the latched output value for PORTG.
Pins RG0-RG2 on PORTG are multiplexed with the CAN
peripheral. Refer to Section 23.0 “ECAN Module” for
proper settings of TRISG when CAN is enabled. RG5 is
multiplexed with MCLR/VPP. Refer to Register 24-5 for
more information.
When enabling peripheral functions, care should be
taken in defining TRIS bits for each PORTG pin. Some
peripherals override the TRIS bit to make a pin an output,
while other peripherals override the TRIS bit to make a
pin an input. The user should refer to the corresponding
peripheral section for the correct TRIS bit settings.
The pin override value is not loaded into the TRIS reg-
ister. This allows read-modify-write of the TRIS register
without concern due to peripheral overrides.
EXAMPLE 10-7:
INITIALIZING PORT
FIGURE 10-16:
RG0/CANTX1 PIN BLOCK DIAGRAM
Note:
On a Power-on Reset, these pins are
configured as digital inputs.
Note 1: On a Power-on Reset, RG5 is enabled as
a digital input only if Master Clear
functionality is disabled (MCLRE = 0).
2: If the device Master Clear is disabled,
verify that either of the following is done to
ensure proper entry into ICSP mode:
a) disable Low-Voltage Programming
(CONFIG4L<2> = 0); or
b) make certain that RB5/KBI1/PGM is
held low during entry into ICSP.
CLRF
PORTG
; Initialize PORTG by
; clearing output
; data latches
CLRF
LATG
; Alternate method
; to clear output
; data latches
MOVLW
04h
; Value used to
; initialize data
; direction
MOVWF
TRISG
; Set RG1:RG0 as outputs
; RG2 as input
; RG4:RG3 as inputs
Data Latch
TRIS Latch
RD TRISG
P
VSS
Q
D
Q
CK
Q
D
Q
CK
EN
QD
EN
N
VDD
0
1
RD PORTG
WR TRISG
Data Bus
I/O pin
TXD
ENDRHI
OPMODE2:OPMODE0 = 000
Schmitt
Trigger
RD LATG
WR PORTG or
WR LATG
OPMODE2:OPMODE0 = 000
Note: I/O pins have diode protection to VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com