Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 147 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 147 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 143Page - Microchip Technology 18F8680 Datasheet HTML 144Page - Microchip Technology 18F8680 Datasheet HTML 145Page - Microchip Technology 18F8680 Datasheet HTML 146Page - Microchip Technology 18F8680 Datasheet HTML 147Page - Microchip Technology 18F8680 Datasheet HTML 148Page - Microchip Technology 18F8680 Datasheet HTML 149Page - Microchip Technology 18F8680 Datasheet HTML 150Page - Microchip Technology 18F8680 Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 145
PIC18F6585/8585/6680/8680
TABLE 10-13: PORTG FUNCTIONS
TABLE 10-14: SUMMARY OF REGISTERS ASSOCIATED WITH PORTG
Name
Bit#
Buffer Type
Function
RG0/CANTX1
bit 0
ST
Input/output port pin or CAN bus transmit output.
RG1/CANTX2
bit 1
ST
Input/output port pin, CAN bus complimentary transmit output or CAN
bus bit time clock.
RG2/CANRX
bit 2
ST
Input/output port pin or CAN bus receive.
RG3
bit 3
ST
Input/output port pin.
RG4/P1D
bit 4
ST
Input/output port pin or ECCP1 PWM output D.
RG5/MCLR/VPP
bit 5
ST
Master Clear input or programming voltage input (if MCLR is enabled).
Input only port pin or programming voltage input (if MCLR is
disabled).
Legend: ST = Schmitt Trigger input
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
PORTG
—
—RG5(1)
Read PORTF pin/Write PORTF Data Latch
--0x xxxx
--0u uuuu
LATG
—
—
—
LATG Data Output Register
---x xxxx
---u uuuu
TRISG
—
—
—
Data Direction Control Register for PORTG
---1 1111
---1 1111
Legend: x = unknown, u = unchanged
Note 1:
RG5 is available as an input only when MCLR is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com