Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 150 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 150 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 146Page - Microchip Technology 18F8680 Datasheet HTML 147Page - Microchip Technology 18F8680 Datasheet HTML 148Page - Microchip Technology 18F8680 Datasheet HTML 149Page - Microchip Technology 18F8680 Datasheet HTML 150Page - Microchip Technology 18F8680 Datasheet HTML 151Page - Microchip Technology 18F8680 Datasheet HTML 152Page - Microchip Technology 18F8680 Datasheet HTML 153Page - Microchip Technology 18F8680 Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 148
 2004 Microchip Technology Inc.
TABLE 10-15: PORTH FUNCTIONS
TABLE 10-16: SUMMARY OF REGISTERS ASSOCIATED WITH PORTH
Name
Bit#
Buffer Type
Function
RH0/A16
bit 0
ST/TTL(1)
Input/output port pin or address bit 16 for external memory interface.
RH1/A17
bit 1
ST/TTL(1)
Input/output port pin or address bit 17 for external memory interface.
RH2/A18
bit 2
ST/TTL(1)
Input/output port pin or address bit 18 for external memory interface.
RH3/A19
bit 3
ST/TTL(1)
Input/output port pin or address bit 19 for external memory interface.
RH4/AN12
bit 4
ST
Input/output port pin or analog input channel 12.
RH5/AN13
bit 5
ST
Input/output port pin or analog input channel 13.
RH6/AN14/P1C(2)
bit 6
ST
Input/output port pin or analog input channel 14.
RH7/AN15/P1B(2)
bit 7
ST
Input/output port pin or analog input channel 15.
Legend: ST = Schmitt Trigger input, TTL = TTL input
Note 1:
Input buffers are Schmitt Triggers when in I/O mode and TTL buffers when in System Bus or Parallel Slave
Port mode.
2:
Alternate pin assignment when ECCPMX configuration bit is cleared.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
TRISH
PORTH Data Direction Control Register
1111 1111
1111 1111
PORTH
Read PORTH pin/Write PORTH Data Latch
xxxx xxxx
uuuu uuuu
LATH
Read PORTH Data Latch/Write PORTH Data Latch
xxxx xxxx
uuuu uuuu
ADCON1
—
—
VCFG1 VCFG0 PCFG3 PCFG2 PCFG1 PCFG0
--00 0000
--00 0000
MEMCON(1)
EBDIS
—
WAIT1
WAIT0
—
—
WM1
WM0
0-00 --00
0-00 --00
Legend: x = unknown, u = unchanged, – = unimplemented. Shaded cells are not used by PORTH.
Note 1:
This register is held in Reset in Microcontroller mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com