Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 153 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 153 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 149Page - Microchip Technology 18F8680 Datasheet HTML 150Page - Microchip Technology 18F8680 Datasheet HTML 151Page - Microchip Technology 18F8680 Datasheet HTML 152Page - Microchip Technology 18F8680 Datasheet HTML 153Page - Microchip Technology 18F8680 Datasheet HTML 154Page - Microchip Technology 18F8680 Datasheet HTML 155Page - Microchip Technology 18F8680 Datasheet HTML 156Page - Microchip Technology 18F8680 Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 151
PIC18F6585/8585/6680/8680
TABLE 10-17: PORTJ FUNCTIONS
TABLE 10-18: SUMMARY OF REGISTERS ASSOCIATED WITH PORTJ
Name
Bit#
Buffer Type
Function
RJ0/ALE
bit 0
ST
Input/output port pin or address latch enable control for external
memory interface.
RJ1/OE
bit 1
ST
Input/output port pin or output enable control for external memory
interface.
RJ2/WRL
bit 2
ST
Input/output port pin or write low byte control for external memory
interface.
RJ3/WRH
bit 3
ST
Input/output port pin or write high byte control for external memory
interface.
RJ4/BA0
bit 4
ST
Input/output port pin or byte address 0 control for external memory
interface.
RJ5/CE
bit 5
ST
Input/output port pin or external memory chip enable.
RJ6/LB
bit 6
ST
Input/output port pin or lower byte select control for external
memory interface.
RJ7/UB
bit 7
ST
Input/output port pin or upper byte select control for external
memory interface.
Legend: ST = Schmitt Trigger input
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
PORTJ
Read PORTJ pin/Write PORTJ Data Latch
xxxx xxxx
uuuu uuuu
LATJ
LATJ Data Output Register
xxxx xxxx
uuuu uuuu
TRISJ
Data Direction Control Register for PORTJ
1111 1111
1111 1111
Legend: x = unknown, u = unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com