Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 154 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 154 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 150Page - Microchip Technology 18F8680 Datasheet HTML 151Page - Microchip Technology 18F8680 Datasheet HTML 152Page - Microchip Technology 18F8680 Datasheet HTML 153Page - Microchip Technology 18F8680 Datasheet HTML 154Page - Microchip Technology 18F8680 Datasheet HTML 155Page - Microchip Technology 18F8680 Datasheet HTML 156Page - Microchip Technology 18F8680 Datasheet HTML 157Page - Microchip Technology 18F8680 Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 152
 2004 Microchip Technology Inc.
10.10 Parallel Slave Port (PSP)
PORTD also operates as an 8-bit wide Parallel Slave
Port,
or
microprocessor
port,
when
control
bit
PSPMODE (TRISE<4>) is set. It is asynchronously
readable and writable by the external world through RD
control input pin, RE0/RD/AD8 and WR control input
pin, RE1/WR/AD9.
The PSP can directly interface to an 8-bit micro-
processor data bus. The external microprocessor can
read or write the PORTD latch as an 8-bit latch. Setting
bit PSPMODE enables port pin RE0/RD/AD8 to be the
RD input, RE1/WR/AD9 to be the WR input and
RE2/CS/AD10 to be the CS (chip select) input. For this
functionality, the corresponding data direction bits of
the TRISE register (TRISE<2:0>) must be configured
as inputs (set). The A/D port configuration bits
PCFG2:PCFG0 (ADCON1<2:0>) must be set, which
will configure pins RE2:RE0 as digital I/O.
A write to the PSP occurs when both the CS and WR
lines are first detected low. A read from the PSP occurs
when both the CS and RD lines are first detected low.
The PORTE I/O pins become control inputs for
the
microprocessor
port
when
bit
PSPMODE
(PSPCON<4>) is set. In this mode, the user must make
sure that the TRISE<2:0> bits are set (pins are config-
ured as digital inputs) and the ADCON1 is configured
for digital I/O. In this mode, the input buffers are TTL.
FIGURE 10-28:
PORTD AND PORTE
BLOCK DIAGRAM
(PARALLEL SLAVE PORT)
Note:
For PIC18F8X8X devices, the Parallel
Slave
Port
is
available
only
in
Microcontroller mode.
Data Bus
WR LATD
RDx
Q
D
CK
EN
QD
EN
RD PORTD
pin
One bit of PORTD
Set Interrupt Flag
PSPIF (PIR1<7>)
Read
Chip Select
Write
RD
CS
WR
Note: I/O pin has protection diodes to VDD and VSS.
TTL
TTL
TTL
TTL
or
PORTD
RD LATD
Data Latch
TRIS Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com