Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 151 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 151 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 147Page - Microchip Technology 18F8680 Datasheet HTML 148Page - Microchip Technology 18F8680 Datasheet HTML 149Page - Microchip Technology 18F8680 Datasheet HTML 150Page - Microchip Technology 18F8680 Datasheet HTML 151Page - Microchip Technology 18F8680 Datasheet HTML 152Page - Microchip Technology 18F8680 Datasheet HTML 153Page - Microchip Technology 18F8680 Datasheet HTML 154Page - Microchip Technology 18F8680 Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 149
PIC18F6585/8585/6680/8680
10.9
PORTJ, TRISJ and LATJ
Registers
PORTJ is an 8-bit wide, bidirectional port. The corre-
sponding data direction register is TRISJ. Setting a
TRISJ bit (= 1) will make the corresponding PORTJ pin
an input (i.e., put the corresponding output driver in a
high-impedance mode). Clearing a TRISJ bit (= 0) will
make the corresponding PORTJ pin an output (i.e., put
the contents of the output latch on the selected pin).
The Data Latch register (LATJ) is also memory
mapped. Read-modify-write operations on the LATJ
register read and write the latched output value for
PORTJ.
PORTJ is multiplexed with the system bus as the
external memory interface; I/O port functions are only
available when the system bus is disabled. When
operating as the external memory interface, PORTJ
provides the control signal to external memory devices.
The RJ5 pin is not multiplexed with any system bus
functions.
When enabling peripheral functions, care should be
taken in defining TRIS bits for each PORTJ pin. Some
peripherals override the TRIS bit to make a pin an
output, while other peripherals override the TRIS bit to
make a pin an input. The user should refer to the
corresponding peripheral section for the correct TRIS
bit settings.
The pin override value is not loaded into the TRIS reg-
ister. This allows read-modify-write of the TRIS register
without concern due to peripheral overrides.
EXAMPLE 10-9:
INITIALIZING PORTJ
FIGURE 10-25:
PORTJ BLOCK DIAGRAM
IN I/O MODE
Note:
PORTJ is available only on PIC18F8X8X
devices.
Note:
On a Power-on Reset, these pins are
configured as digital inputs.
CLRF
PORTJ
; Initialize PORTG by
; clearing output
; data latches
CLRF
LATJ
; Alternate method
; to clear output
; data latches
MOVLW
0CFh
; Value used to
; initialize data
; direction
MOVWF
TRISJ
; Set RJ3:RJ0 as inputs
; RJ5:RJ4 as output
; RJ7:RJ6 as inputs
Data
Bus
WR LATJ
WR TRISJ
RD PORTJ
Data Latch
TRIS Latch
RD TRISJ
Schmitt
Trigger
Input
Buffer
I/O pin(1)
Q
D
CK
Q
D
CK
EN
QD
EN
RD LATJ
or
PORTJ
Note 1: I/O pins have diode protection to VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com